Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 159Page - Renesas Technology Corp 7721 Datasheet HTML 160Page - Renesas Technology Corp 7721 Datasheet HTML 161Page - Renesas Technology Corp 7721 Datasheet HTML 162Page - Renesas Technology Corp 7721 Datasheet HTML 163Page - Renesas Technology Corp 7721 Datasheet HTML 164Page - Renesas Technology Corp 7721 Datasheet HTML 165Page - Renesas Technology Corp 7721 Datasheet HTML 166Page - Renesas Technology Corp 7721 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–44
8.6 Pulse width modulation (PWM) mode
Fig. 8.6.4 Operation example of 16-bit pulse width modulator
Fig. 8.6.5 Operation example of 16-bit pulse width modulator (when counter value is updated during
pulse output)
1 / fi ! (216 – 1)
1 / fi ! (n)
Count source
TAjIN pin’s input signal
PWM pulse output
from TAjOUT pin
Note: The above applies when reload register (n) = “000316” and an external trigger (rising edge of
TAjIN pin’s input signal) is selected.
Trigger is not generated by this signal.
Timer Aj interrupt
request bit
Cleared to “0” when interrupt request is accepted
or cleared by software.
fi: Frequency of count source
(f2, f16, f64, or f512)
Œ When an arbitrary value is set to the timer Aj register after setting “000016” to it, the timing at which the PWM pulse goes “H”
depends on the timing at which the new value is set.
Note: The above applies when an external trigger (rising edge of TAjIN pin’s input signal) is selected.
FFFE16
n
000116
TAjIN pin’s
input signal
(1 / fi) ! (216 –1)
(216 –1) – n
(1 / fi) ! (216 –1)
PWM pulse
output from
TAjOUT pin
“000016” is set to timer Aj
register.
“200016” is set to timer Aj
register.
200016
“FFFE16” is set to timer Aj
register.
n = Reload register’s contents
fi: Frequency of count source
(f2, f16, f64, or f512)
Restarts counting.
Stops
counting.
Time
(1 / fi) ! (2 –1)
16
Œ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com