Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 99Page - Renesas Technology Corp 38C3 Datasheet HTML 100Page - Renesas Technology Corp 38C3 Datasheet HTML 101Page - Renesas Technology Corp 38C3 Datasheet HTML 102Page - Renesas Technology Corp 38C3 Datasheet HTML 103Page - Renesas Technology Corp 38C3 Datasheet HTML 104Page - Renesas Technology Corp 38C3 Datasheet HTML 105Page - Renesas Technology Corp 38C3 Datasheet HTML 106Page - Renesas Technology Corp 38C3 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 224 page
background image
2-38
38C3 Group User’s Manual
APPLICATION
2.3 Serial I/O
2.3.4 Serial I/O’s modes
38C3 Group can use clock synchronous serial I/O.
Figure 2.3.8 shows the serial I/O’s modes.
Fig. 2.3.8 Serial I/O’s modes
2.3.5 Serial I/O application examples
(1)
Communication (transmission/reception) using clock synchronous serial I/O
Outline : 2-byte data is transmitted and received, using the clock synchronous serial I/O.
The SRDY signal is used for communication control.
Figure 2.3.9 shows a connection diagram, and Figure 2.3.10 shows a timing chart.
Fig. 2.3.9 Connection diagram
Specifications : • Use of serial I/O in clock synchronous serial I/O
• Synchronous clock frequency : 125 kHz (f(XIN) = 4 MHz is divided by 32)
• Use of SRDY (receivable signal)
• The reception side outputs the SRDY signal at intervals of 2 ms (generated by the
timer), and 2-byte data is transferred from the transmission side to the reception
side.
Serial I/O
Clock synchronous serial I/O
Internal clock
External clock
Output SRDY signal
Not output SRDY signal
Select SCLK1 as synchronous clock output pin
Select SCLK2 as synchronous clock output pin
P55/INT0
SCLK1
SOUT
38C3 group
SRDY
SCLK1
SIN
38C3 group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com