Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 115Page - Renesas Technology Corp 38C3 Datasheet HTML 116Page - Renesas Technology Corp 38C3 Datasheet HTML 117Page - Renesas Technology Corp 38C3 Datasheet HTML 118Page - Renesas Technology Corp 38C3 Datasheet HTML 119Page - Renesas Technology Corp 38C3 Datasheet HTML 120Page - Renesas Technology Corp 38C3 Datasheet HTML 121Page - Renesas Technology Corp 38C3 Datasheet HTML 122Page - Renesas Technology Corp 38C3 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 224 page
background image
2-54
38C3 Group User’s Manual
APPLICATION
2.4 LCD controller
Fig. 2.4.4 LCD panel
Specifications: •Use of segment output SEG0 to SEG13
•Setting of port P1 to I/O port, setting of port P3 to output
•Frame frequency = 61 Hz
•Duty ratio number = 4, Bias value = 1/3
Figure 2.4.5 shows the segment allocation example.
Fig. 2.4.5 Segment allocation example
2.4.3 LCD controller application examples
Outline: A LCD panel display data by using the LCD controller.
’
AUTO
SLOW
PRINT
’
AUTO
SLOW
1
2
34
5
6
7
PRINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com