Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 117Page - Renesas Technology Corp 38C3 Datasheet HTML 118Page - Renesas Technology Corp 38C3 Datasheet HTML 119Page - Renesas Technology Corp 38C3 Datasheet HTML 120Page - Renesas Technology Corp 38C3 Datasheet HTML 121Page - Renesas Technology Corp 38C3 Datasheet HTML 122Page - Renesas Technology Corp 38C3 Datasheet HTML 123Page - Renesas Technology Corp 38C3 Datasheet HTML 124Page - Renesas Technology Corp 38C3 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 224 page
background image
2-56
38C3 Group User’s Manual
APPLICATION
2.4 LCD controller
Figure 2.4.8 shows the relevant registers setting.
Fig. 2.4.8 Relevant registers setting
SEG
Segment output enable register (address 003816)
0 0 0 0 1 1 1 1
Segment output: SEG0–SEG3
LM
1
1/3 bias
4 (use COM0–COM3)
LCD mode register (address 003916)
Segment output: SEG4–SEG7
Segment output: SEG8–SEG11
Segment output: SEG12–SEG15
I/O port: P10–P13
I/O port: P14–P17
Output port: P30–P33
Output port: P34–P37
1
0
0
0
0
1
1
LCD OFF (after setting data to LCDRAM, turn on)
Not used (Always set “0”.)
4 (Note)
f(XIN)/8192 (Note)
Note: Frame frequency = f(LCDCK)/division ratio
f(LCDCK) = count source frequency for LCDCK/LCD circuit division ratio
From the above, the frame frequency at f(XIN) = 8 MHz is as follows:
Frame frequency = {(8 ! 106/8192)/4}/4
≅ 61.035 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com