Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 120Page - Renesas Technology Corp 38C3 Datasheet HTML 121Page - Renesas Technology Corp 38C3 Datasheet HTML 122Page - Renesas Technology Corp 38C3 Datasheet HTML 123Page - Renesas Technology Corp 38C3 Datasheet HTML 124Page - Renesas Technology Corp 38C3 Datasheet HTML 125Page - Renesas Technology Corp 38C3 Datasheet HTML 126Page - Renesas Technology Corp 38C3 Datasheet HTML 127Page - Renesas Technology Corp 38C3 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 224 page
background image
38C3 Group User’s Manual
APPLICATION
2-59
2.5 A-D converter
2.5 A-D converter
This paragraph describes the setting method of A-D converter relevant registers, notes etc.
2.5.1 Memory map
Fig. 2.5.1 Memory map of A-D converter relevant registers
2.5.2 Relevant registers
Fig. 2.5.2 Structure of A-D control register
A-D control register (ADCON)
A-D conversion register (low-order) (ADL)
003216
003316
Address
A-D conversion register (high-order) (ADH)
003416
Interrupt request register 2 (IREQ2)
003D16
Interrupt control register 2 (ICON2)
003F16
A-D control register
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register
(ADCON: address 3216)
b
0
1
2
Name
0
Functions
At reset R W
0
0
0
Analog input pin
selection bits
b2 b1 b0
0 0 0: P60/AN0
0 0 1: P61/AN1
0 1 0: P62/AN2
0 1 1: P63/AN3
1 0 0: P64/AN4
1 0 1: P65/AN5
1 1 0: P66/AN6
1 1 1: P67/AN7
3
1
AD conversion
completion bit
0: Conversion in progress
1: Conversion completed
4
0
5
0
0
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
Nothing is arranged for this bit. This is write
disabled bit. When this bit is read out, the
contents are “0”.
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com