Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 123Page - Renesas Technology Corp 38C3 Datasheet HTML 124Page - Renesas Technology Corp 38C3 Datasheet HTML 125Page - Renesas Technology Corp 38C3 Datasheet HTML 126Page - Renesas Technology Corp 38C3 Datasheet HTML 127Page - Renesas Technology Corp 38C3 Datasheet HTML 128Page - Renesas Technology Corp 38C3 Datasheet HTML 129Page - Renesas Technology Corp 38C3 Datasheet HTML 130Page - Renesas Technology Corp 38C3 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 224 page
background image
2-62
38C3 Group User’s Manual
APPLICATION
2.5 A-D converter
2.5.3 A-D converter application examples
(1)
Read-in of analog signal
Outline: The analog input voltage from a sensor is converted to digital values.
Figure 2.5.7 shows a connection diagram, and Figure 2.5.8 shows the setting of relevant registers.
Fig. 2.5.7 Connection diagram
Specifications: •Conversion of analog input voltage input from sensor to digital values
•Use of P60/AN0 pin as analog input pin
Fig. 2.5.8 Setting of relevant registers
P60/AN0
38C3 Group
Sensor
00
0
0
ADH
ADL
A-D control register (address 003216)
ADCON
Analog input pin : P60/AN0 selected
A-D conversion start
A-D conversion register (high-order) (address 003416)
(Read-only)
A-D conversion register (low-order) (address 003316)
A result of A-D conversion is stored (Note).
Note: After bit 4 of ADCON is set to “1”, read out both registers in order of ADH (address
003416) and ADL (address 003316) following.
(Read-only)
A result of A-D conversion is stored (Note).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com