Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 125Page - Renesas Technology Corp 38C3 Datasheet HTML 126Page - Renesas Technology Corp 38C3 Datasheet HTML 127Page - Renesas Technology Corp 38C3 Datasheet HTML 128Page - Renesas Technology Corp 38C3 Datasheet HTML 129Page - Renesas Technology Corp 38C3 Datasheet HTML 130Page - Renesas Technology Corp 38C3 Datasheet HTML 131Page - Renesas Technology Corp 38C3 Datasheet HTML 132Page - Renesas Technology Corp 38C3 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 224 page
background image
2-64
38C3 Group User’s Manual
APPLICATION
2.5 A-D converter
2.5.4 Notes on A-D converter
(1)
Analog input pin
s Make the signal source impedance for analog input low, or equip an analog input pin with an
external capacitor of 0.01
µF to 1 µF. Further, be sure to verify the operation of application
products on the user side.
q Reason
An analog input pin includes the capacitor for analog voltage comparison. Accordingly, when
signals from signal source with high impedance are input to an analog input pin, charge and
discharge noise generates. This may cause the A-D conversion precision to be worse.
(2)
A-D converter power source pin
The AVSS pin is A-D converter power source pin. Regardless of using the A-D conversion function
or not, connect it as following :
• AVSS : Connect to the VSS line.
q Reason
If the AVSS pin is opened, the microcomputer may have a failure because of noise or others.
(3)
Clock frequency during A-D conversion
The comparator consists of a capacity coupling, and a charge of the capacity will be lost if the clock
frequency is too low. Thus, make sure the following during an A-D conversion.
• f(XIN) is 500 kHz or more.
• Use clock divided by main clock (f(XIN)) as internal system clock.
• Do not execute the STP instruction and WIT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com