Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 129Page - Renesas Technology Corp 38C3 Datasheet HTML 130Page - Renesas Technology Corp 38C3 Datasheet HTML 131Page - Renesas Technology Corp 38C3 Datasheet HTML 132Page - Renesas Technology Corp 38C3 Datasheet HTML 133Page - Renesas Technology Corp 38C3 Datasheet HTML 134Page - Renesas Technology Corp 38C3 Datasheet HTML 135Page - Renesas Technology Corp 38C3 Datasheet HTML 136Page - Renesas Technology Corp 38C3 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 224 page
background image
2-68
38C3 Group User’s Manual
APPLICATION
2.6 ROM correct function
Fig. 2.6.5 Control procedure
Control procedure:
Initialization
RESET
Setting of serial I/O
SCLK1 selected
Note: V shows the internal operation of microcomputer.
N
E2PROM is connected ?
(P51 = “H” ?)
Y
Data corresponding to the following
registers, which have been set to
E2PROM beforehand, is read and the data
is stored to each register:
•ROM correct enable register 1
•ROM correct address registers 1–8
•ROM correct data 1–8
Main processing
N
Y
ROM correct is enabled ?
(RC1, X = “H” ?)
ROM correct
address X
Correct data X
P4 (address 000816), bit 7
1
CS signal output
V (Note)
SIOCON1 (address 001916)
SIOCON2 (address 001A16)
X1X01XXX2
XXXXXXX02
Setting of port direction register
“L” output as termination of unused pins
P4 (address 000816), bit 7
0
P4D (address 000916)
P4 (address 000816)
11X1XXXX2
00X0XXXX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com