Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 131Page - Renesas Technology Corp 38C3 Datasheet HTML 132Page - Renesas Technology Corp 38C3 Datasheet HTML 133Page - Renesas Technology Corp 38C3 Datasheet HTML 134Page - Renesas Technology Corp 38C3 Datasheet HTML 135Page - Renesas Technology Corp 38C3 Datasheet HTML 136Page - Renesas Technology Corp 38C3 Datasheet HTML 137Page - Renesas Technology Corp 38C3 Datasheet HTML 138Page - Renesas Technology Corp 38C3 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 224 page
background image
2-70
38C3 Group User’s Manual
APPLICATION
2.7 Reset circuit
2.7.2 Notes on reset circuit
(1)
Reset input voltage control
Make sure that the reset input voltage is 0.5 V or less for Vcc of 2.5 V (Note).
Perform switch to the high-speed mode when power source voltage is within 4.0 to 5.5 V.
Note: M version of mask ROM version is 2.2 V.
(2)
Countermeasure when RESET signal rise time is long
In case where the RESET signal rise time is long, connect a ceramic capacitor or others across the
RESET pin and the VSS pin. And use a 1000 pF or more capacitor for high frequency use. When
connecting the capacitor, note the following :
• Make the length of the wiring which is connected to a capacitor as short as possible.
• Be sure to verify the operation of application products on the user side.
q Reason
If the several nanosecond or several ten nanosecond impulse noise enters the RESET pin, it may
cause a microcomputer failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com