Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 130Page - Renesas Technology Corp 38C3 Datasheet HTML 131Page - Renesas Technology Corp 38C3 Datasheet HTML 132Page - Renesas Technology Corp 38C3 Datasheet HTML 133Page - Renesas Technology Corp 38C3 Datasheet HTML 134Page - Renesas Technology Corp 38C3 Datasheet HTML 135Page - Renesas Technology Corp 38C3 Datasheet HTML 136Page - Renesas Technology Corp 38C3 Datasheet HTML 137Page - Renesas Technology Corp 38C3 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 224 page
background image
38C3 Group User’s Manual
APPLICATION
2-69
2.7 Reset circuit
2.7 Reset circuit
____________
The reset state is caused by applying an “L” level to the RESET pin. After that, the reset state is released
____________
by applying an “H” level to the RESET pin, so that the program is executed in the middle-speed mode from
the contents of the reset vector address.
2.7.1 Connection example of reset IC
Figure 2.7.1 shows the example of power-on reset circuit. Figure 2.7.2 shows the system example which
switches to the RAM backup mode by detecting a drop of the system power source voltage with the INT
interrupt.
Fig. 2.7.1 Example of power-on reset circuit
Fig. 2.7.2 RAM backup system example
VCC
RESET
VSS
M62022L
GND
38C3 Group
Power source
0.1
µF
Output
Delay capacity
VCC
RESET
INT
RESET
INT
Cd
VCC1
VCC2
V1
GND
M62009L, M62009P, M62009FP
38C3 Group
VSS
System power
source voltage
+ 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com