Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 128Page - Renesas Technology Corp 38C3 Datasheet HTML 129Page - Renesas Technology Corp 38C3 Datasheet HTML 130Page - Renesas Technology Corp 38C3 Datasheet HTML 131Page - Renesas Technology Corp 38C3 Datasheet HTML 132Page - Renesas Technology Corp 38C3 Datasheet HTML 133Page - Renesas Technology Corp 38C3 Datasheet HTML 134Page - Renesas Technology Corp 38C3 Datasheet HTML 135Page - Renesas Technology Corp 38C3 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 224 page
background image
38C3 Group User’s Manual
APPLICATION
2-67
2.6 ROM correct function
2.6.3 ROM correct function application examples
Outline: When the contents of ROM would be corrected, the contents of ROM can be changed artificially
by connecting E2PROM to the externals and storing the contents (correct address, correct data)
to the ROM correct function relevant registers.
Fig. 2.6.3 Connection diagram
Specifications: qIf ROM correct is necessary, make P51 pull-up. If ROM correct is unnecessary, make P51
pull-down.
qUse of serial I/O as communication with E2PROM
qConnection of clock and SCLK1, connection of CS pin and P47
Fig. 2.6.4 Setting of relevant registers
P46
P44
P47
P51
38C3 group
SCLK1
SIN
P47
CLK
DATA
CS
38C3 group
E2PROM
qWhen ROM correct is unnecessary
qWhen ROM correct is necessary
P51
CLK
OUT
CS
Serial I/O control register 2 (address 001A16)
0
SCLK1
SIOCON2
Serial I/O control register 1 (address 001916)
SOUT, SCLK1, SCLK2
signal pins
SIOCON1
10
1
I/O port
Internal clock
Port P4 (address 000816)
P4
Set CS signal
to E2PROM
Port P4 direction register (address 000916)
1
P4D
Set P44, P46, P47 to output ports.
11
Port P4 (address 000816)
P4
Set “L” output as
termination of
unused pins
00
0
When ROM correct is unnecessary
When ROM correct is necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com