Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 143Page - Renesas Technology Corp 38C3 Datasheet HTML 144Page - Renesas Technology Corp 38C3 Datasheet HTML 145Page - Renesas Technology Corp 38C3 Datasheet HTML 146Page - Renesas Technology Corp 38C3 Datasheet HTML 147Page - Renesas Technology Corp 38C3 Datasheet HTML 148Page - Renesas Technology Corp 38C3 Datasheet HTML 149Page - Renesas Technology Corp 38C3 Datasheet HTML 150Page - Renesas Technology Corp 38C3 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 224 page
background image
3-2
38C3 Group User’s Manual
APPENDIX
3.1 Electrical characteristics
3.1 Electrical characteristics
3.1.1 Absolute maximum ratings
Table 3.1.1 Absolute maximum ratings
Parameter
Power source voltage
Input voltage
P00–P07, P10–P17, P20–P27,
P40–P47, P50–P57, P60–P67, P70,
P71, P80–P87
Input voltage
VL1
Input voltage
VL2
Input voltage
VL3
Input voltage
RESET, XIN
Output voltage P00–P07, P10–P17, P20–P27,
P30–P37
Output voltage COM0–COM3
Output voltage P40–P47, P50, P52–P57, P60–P67,
P70, P71, P80–P87
Output voltage XOUT
Power dissipation
Operating temperature
Storage temperature
Symbol
VCC
VI
VI
VI
VI
VI
VO
VO
VO
VO
Pd
Topr
Tstg
Conditions
Ratings
–0.3 to 7.0
–0.3 to VCC+0.3
–0.3 to VL2
VL1 to VL3
VL2 to VCC+0.3
–0.3 to VCC+0.3
–0.3 to VCC+0.3
–0.3 to VL3+0.3
–0.3 to VL3+0.3
–0.3 to VCC+0.3
–0.3 to VCC+0.3
300
–20 to 85
–40 to 125
Unit
V
V
V
V
V
V
V
V
V
V
V
mW
°C
°C
All voltages are based on
Vss. Output transistors
are cut off.
At output port
At segment output
Ta = 25°C
3.1.2 Recommended operating conditions
Table 3.1.2 Recommended operating conditions
(Vcc = 2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Power source voltage
High-speed mode f(XIN) = 8 MHz
Middle-speed mode f(XIN) = 8 MHz
Low-speed mode
Power source voltage
A-D converter reference voltage
Analog power source voltage
Analog input voltage AN0–AN7
“H” input voltage
P00–P07, P10–P17, P20–P27
“H” input voltage
P40–P47, P50–P57, P60–P67, P70, P71 (CM4 = 0)
“H” input voltage
P80–P87
“H” input voltage
RESET
“H” input voltage
XIN
“L” input voltage
P00–P07, P10–P17, P20–P27
“L” input voltage
P40–P47, P50–P57, P60–P67, P70, P71 (CM4 = 0)
“L” input voltage
P80–P87
“L” input voltage
RESET
“L” input voltage
XIN
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
Limits
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Parameter
Min.
4.0
2.5
2.5
2.0
AVSS
0.7VCC
0.8VCC
0.4VCC
0.8VCC
0.8VCC
0
0
0
0
0
Typ.
5.0
5.0
5.0
0
0
Max.
5.5
5.5
5.5
VCC
VCC
VCC
VCC
VCC
VCC
VCC
0.3VCC
0.2VCC
0.16VCC
0.2VCC
0.2VCC
Symbol
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com