Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 146Page - Renesas Technology Corp 38C3 Datasheet HTML 147Page - Renesas Technology Corp 38C3 Datasheet HTML 148Page - Renesas Technology Corp 38C3 Datasheet HTML 149Page - Renesas Technology Corp 38C3 Datasheet HTML 150Page - Renesas Technology Corp 38C3 Datasheet HTML 151Page - Renesas Technology Corp 38C3 Datasheet HTML 152Page - Renesas Technology Corp 38C3 Datasheet HTML 153Page - Renesas Technology Corp 38C3 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 224 page
background image
3-5
APPENDIX
3.1 Electrical characteristics
38C3 Group User’s Manual
IOH = –2.0 mA
IOH = –0.6 mA
VCC = 2.5 V
IOH = –5 mA
IOH = –1.25 mA
IOH = –1.25 mA
VCC = 2.5 V
IOL = 2.5 mA
IOL = 1.25 mA
IOL = 1.25 mA
VCC = 2.5 V
IOL = 5.0 mA
IOL = 2.5 mA
IOL = 2.5 mA
VCC = 2.5 V
IOL = 15 mA
RESET:
VCC = 2.5 V – 5.5 V
VI = VCC
Pull-down “off”
VCC = 5.0 V, VI = VCC
Pull-down “on”
VCC = 3.0 V, VI = VCC
Pull-down “on”
VI = VCC
VI = VCC
VI = VCC
VI = VSS
Pull-up “off”
VCC = 5.0 V, VI = VSS
Pull-up “on”
VCC = 3.0 V, VI = VSS
Pull-up “on”
VI = VSS
VI = VSS
“H” output voltage
P00–P07, P10–P17, P20–P27,
P30–P37
“H” output voltage
P40–P47, P50, P52–P57,
P60–P67, P70, P71,
(Note)
P80–P87
“L” output voltage
P00–P07, P10–P17, P20–P27,
P30–P37
“L” output voltage
P40–P47, P52–P57, P60–P67,
P70, P71
(Note)
“L” output voltage
P80–P87, P50
Hysteresis
INT0–INT2, CNTR0, CNTR1, P80–P87
Hysteresis
SCLK1, SIN
Hysteresis
RESET
“H” input current
P00–P07, P10–P17, P20–P27
“H” input current
P40–P47, P50–P57, P60–P67,
P70, P71, P80–P87
“H” input current
RESET
“H” input current
XIN
“L” input current
P00–P07, P10–P17, P20–P27, P51
“L” input current
P40–P47, P50, P52–P57,
P60–P67, P70, P71, P80–P87
“L” input current
RESET
“L” input current
XIN
Limits
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
Parameter
Min.
VCC–2.0
VCC–1.0
VCC–2.0
VCC–0.5
VCC–1.0
30
6.0
–30
–6
Typ.
0.5
0.5
0.5
70
25
4.0
–70
–25
–4
Max.
2.0
0.5
1.0
2.0
0.5
1.0
2.0
5.0
140
45
5.0
5.0
–5.0
–5.0
–140
–45
–5
Symbol
Unit
Test conditions
VOH
VOH
VOL
VOL
VOL
VT+–VT-
VT+–VT-
VT+–VT-
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
Note: When “1” is set to the port XC switch bit (bit 4 of address 003B16) of the CPU mode register, the drive ability of Port P71 is different from the value above
mentioned.
3.1.3 Electrical characteristics
Table 3.1.5 Electrical characteristics
(Vcc = 4.0 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com