Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 150Page - Renesas Technology Corp 38C3 Datasheet HTML 151Page - Renesas Technology Corp 38C3 Datasheet HTML 152Page - Renesas Technology Corp 38C3 Datasheet HTML 153Page - Renesas Technology Corp 38C3 Datasheet HTML 154Page - Renesas Technology Corp 38C3 Datasheet HTML 155Page - Renesas Technology Corp 38C3 Datasheet HTML 156Page - Renesas Technology Corp 38C3 Datasheet HTML 157Page - Renesas Technology Corp 38C3 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 224 page
background image
3-9
APPENDIX
3.1 Electrical characteristics
38C3 Group User’s Manual
twH(SCLK)
twL(SCLK)
td(SCLK-SOUT)
tV(SCLK-SOUT)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
twH(SCLK)
twL(SCLK)
td(SCLK-SOUT)
tV(SCLK-SOUT)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
Limits
Parameter
Min.
tc(SCLK)/2–30
tc(SCLK)/2–30
–30
Typ.
10
10
Max.
140
30
30
30
30
Symbol
Unit
ns
ns
ns
ns
ns
ns
ns
ns
Notes 1: When the P-channel output disable bit (bit 7 of address 001916) is “0.”
2: The XOUT, XCOUT pins are excluded.
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
(Note 1)
Serial I/O output valid time
(Note 1)
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time
(Note 2)
CMOS output falling time
(Note 2)
Table 3.1.10 Switching characteristics 1
(Vcc = 4.0 to 5.5 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
tC(SCLK)/2–50
tC(SCLK)/2–50
–30
Typ.
20
20
Max.
350
50
50
50
50
Symbol
Unit
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
(Note 1)
Serial I/O output valid time
(Note 1)
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time
(Note 2)
CMOS output falling time
(Note 2)
Table 3.1.11 Switching characteristics 2
(Vcc = 2.5 to 4.0 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Notes 1: When the P-channel output disable bit (bit 7 of address 001916) is “0.”
2: The XOUT, XCOUT pins are excluded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com