Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 153Page - Renesas Technology Corp 38C3 Datasheet HTML 154Page - Renesas Technology Corp 38C3 Datasheet HTML 155Page - Renesas Technology Corp 38C3 Datasheet HTML 156Page - Renesas Technology Corp 38C3 Datasheet HTML 157Page - Renesas Technology Corp 38C3 Datasheet HTML 158Page - Renesas Technology Corp 38C3 Datasheet HTML 159Page - Renesas Technology Corp 38C3 Datasheet HTML 160Page - Renesas Technology Corp 38C3 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 224 page
background image
3-12
38C3 Group User’s Manual
APPENDIX
3.1 Electrical characteristics
“H” total peak output current (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37
P80–P87, P50
“H” total peak output current (Note 1)
P40–P47, P52–P57, P60–P67, P70, P71
“L” total peak output current (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37
“L” total peak output current (Note 1)
P80–P87, P50
“L” total peak output current (Note 1)
P40–P47, P52–P57, P60–P67, P70, P71
“H” total average output current (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37
P80–P87, P50
“H” total average output current (Note 1)
P40–P47, P52–P57, P60–P67, P70, P71
“L” total average output current (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37
“L” total average output current (Note 1)
P80–P87, P50
“L” total average output current (Note 1)
P40–P47, P52–P57, P60–P67, P70, P71
“H” peak output current (Note 2)
P00–P07, P10–P17, P20–P27, P30–P37
“H” peak output current (Note 2)
P40–P47, P50, P52–P57, P60–P67, P70, P71
P80–P87
“L” peak output current (Note 2)
P00–P07, P10–P17, P20–P27, P30–P37
“L” peak output current (Note 2)
P40–P47, P52–P57, P60–P67, P70, P71
“L” peak output current (Note 2)
P80–P87, P50
“H” average output current (Note 3)
P00–P07, P10–P17, P20–P27, P30–P37
“H” average output current (Note 3)
P40–P47, P50, P52–P57, P60–P67, P70, P71
P80–P87
“L” average output current (Note 3)
P00–P07, P10–P17, P20–P27, P30–P37
“L” average output current (Note 3)
P40–P47, P52–P57, P60–P67, P70, P71
“L” average output current (Note 3)
P80–P87, P50
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
ΣIOL(avg)
IOH(peak)
IOH(peak)
IOL(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
IOL(avg)
IOL(avg)
Limits
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Parameter
Min.
Typ.
Max.
Symbol
Unit
–60
–30
40
80
40
–30
–15
20
40
20
–4.0
–10
5.0
10
30
–2.0
–5.0
2.5
5.0
15
Table 3.1.16 Recommended operating conditions (M version)
(Vcc = 2.2 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Notes 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value mea-
sured over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current is average value measured over 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com