Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 154Page - Renesas Technology Corp 38C3 Datasheet HTML 155Page - Renesas Technology Corp 38C3 Datasheet HTML 156Page - Renesas Technology Corp 38C3 Datasheet HTML 157Page - Renesas Technology Corp 38C3 Datasheet HTML 158Page - Renesas Technology Corp 38C3 Datasheet HTML 159Page - Renesas Technology Corp 38C3 Datasheet HTML 160Page - Renesas Technology Corp 38C3 Datasheet HTML 161Page - Renesas Technology Corp 38C3 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 224 page
background image
3-13
APPENDIX
3.1 Electrical characteristics
38C3 Group User’s Manual
Table 3.1.17 Recommended operating conditions (M version)
(Vcc = 2.2 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Input frequency (duty cycle 50%)
Main clock input oscillation frequency (Note 4)
Sub-clock input oscillation frequency (Notes 4, 5)
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
Limits
MHz
MHz
MHz
MHz
MHz
kHz
Parameter
Min.
Typ.
32.768
Max.
4.0
(2!VCC)–4
8.0
(4!VCC)–8
8.0
50
Symbol
Unit
(4.0 V
≤ VCC ≤ 5.5 V)
(2.2 V
≤ VCC ≤ 4.0 V)
High-speed mode
(4.0 V
≤ VCC ≤ 5.5 V)
High-speed mode
(2.2 V
≤ VCC ≤ 4.0 V)
Middle-speed mode
Notes 4: When the oscillation frequency has a duty cycle of 50%.
5: When using the microcomputer in low-speed mode, set the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com