Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 151Page - Renesas Technology Corp 38C3 Datasheet HTML 152Page - Renesas Technology Corp 38C3 Datasheet HTML 153Page - Renesas Technology Corp 38C3 Datasheet HTML 154Page - Renesas Technology Corp 38C3 Datasheet HTML 155Page - Renesas Technology Corp 38C3 Datasheet HTML 156Page - Renesas Technology Corp 38C3 Datasheet HTML 157Page - Renesas Technology Corp 38C3 Datasheet HTML 158Page - Renesas Technology Corp 38C3 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 224 page
background image
3-10
38C3 Group User’s Manual
APPENDIX
3.1 Electrical characteristics
3.1.6 Absolute maximum ratings (M version)
Table 3.1.12 Absolute maximum ratings (M version)
Parameter
Power source voltage
Input voltage
P00–P07, P10–P17, P20–P27,
P40–P47, P50–P57, P60–P67, P70,
P71, P80–P87
Input voltage
VL1
Input voltage
VL2
Input voltage
VL3
Input voltage
RESET, XIN
Output voltage P00–P07, P10–P17, P20–P27,
P30–P37
Output voltage COM0–COM3
Output voltage P40–P47, P50, P52–P57, P60–P67,
P70, P71, P80–P87
Output voltage XOUT
Power dissipation
Operating temperature
Storage temperature
Symbol
VCC
VI
VI
VI
VI
VI
VO
VO
VO
VO
Pd
Topr
Tstg
Conditions
Ratings
–0.3 to 7.0
–0.3 to VCC+0.3
–0.3 to VL2
VL1 to VL3
VL2 to VCC+0.3
–0.3 to VCC+0.3
–0.3 to VCC+0.3
–0.3 to VL3+0.3
–0.3 to VL3+0.3
–0.3 to VCC+0.3
–0.3 to VCC+0.3
300
–20 to 85
–40 to 125
Unit
V
V
V
V
V
V
V
V
V
V
V
mW
°C
°C
All voltages are based on
Vss. Output transistors
are cut off.
At output port
At segment output
Ta = 25°C
3.1.7 Recommended operating conditions (M version)
Table 3.1.13 Recommended operating conditions (M version)
(Vcc = 2.2 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Power source voltage
High-speed mode f(XIN) = 8 MHz
Middle-speed mode f(XIN) = 8 MHz
Low-speed mode
Power source voltage
A-D converter reference voltage
Analog power source voltage
Analog input voltage AN0–AN7
VCC
VSS
VREF
AVSS
VIA
Limits
V
V
V
V
V
V
V
Parameter
Min.
4.0
2.2
2.2
2.0
AVSS
Typ.
5.0
5.0
5.0
0
0
Max.
5.5
5.5
5.5
VCC
VCC
Symbol
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com