Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 156Page - Renesas Technology Corp 38C3 Datasheet HTML 157Page - Renesas Technology Corp 38C3 Datasheet HTML 158Page - Renesas Technology Corp 38C3 Datasheet HTML 159Page - Renesas Technology Corp 38C3 Datasheet HTML 160Page - Renesas Technology Corp 38C3 Datasheet HTML 161Page - Renesas Technology Corp 38C3 Datasheet HTML 162Page - Renesas Technology Corp 38C3 Datasheet HTML 163Page - Renesas Technology Corp 38C3 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 224 page
background image
3-15
APPENDIX
3.1 Electrical characteristics
38C3 Group User’s Manual
RAM hold voltage
Power source current
Limits
Parameter
Min.
2.0
Typ.
6.4
1.6
15
4.5
0.1
Max.
5.5
13
3.2
22
9.0
1.0
10
Symbol
Unit
When clock is stopped
High-speed mode, Vcc = 5 V
f(XIN) = 8 MHz
f(XCIN) = 32.768 kHz
Output transistors “off”,
A-D converter in operating
High-speed mode, Vcc = 5 V
f(XIN) = 8 MHz (in WIT state)
f(XCIN) = 32.768 kHz
Output transistors “off”,
A-D converter stopped
Low-speed mode, VCC = 3 V,
Ta
≤ 55 °C
f(XIN) = stopped
f(XCIN) = 32.768 kHz
Output transistors “off”
Low-speed mode, VCC = 3 V,
Ta = 25 °C
f(XIN) = stopped
f(XCIN) = 32.768 kHz
(in WIT state)
Output transistors “off”
All oscillation stopped
(in STP state)
Output transistors “off”
Test conditions
VRAM
ICC
V
mA
mA
µA
µA
µA
µA
Ta = 25 °C
Ta = 85 °C
Table 3.1.19 Electrical characteristics (M version)
(Vcc = 2.2 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com