Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 174Page - Renesas Technology Corp 38C3 Datasheet HTML 175Page - Renesas Technology Corp 38C3 Datasheet HTML 176Page - Renesas Technology Corp 38C3 Datasheet HTML 177Page - Renesas Technology Corp 38C3 Datasheet HTML 178Page - Renesas Technology Corp 38C3 Datasheet HTML 179Page - Renesas Technology Corp 38C3 Datasheet HTML 180Page - Renesas Technology Corp 38C3 Datasheet HTML 181Page - Renesas Technology Corp 38C3 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 224 page
background image
38C3 Group User’s Manual
3-33
APPENDIX
3.4 Countermeasures against noise
(4)
Wiring to VPP pin of One Time PROM version and EPROM version
Connect an approximately 5 k
Ω resistor to the VPP pin the shortest possible in series. When not
connecting the resistor, make the length of wiring between the VPP pin and the VSS pin the shortest
possible.
Note: Even when a circuit which included an approximately 5 k
Ω resistor is used in the Mask ROM
version, the microcomputer operates correctly.
q Reason
The VPP pin of the One Time PROM and the EPROM version is the power source input pin for
the built-in PROM. When programming in the built-in PROM, the impedance of the VPP pin is low
to allow the electric current for writing flow into the PROM. Because of this, noise can enter easily.
If noise enters the VPP pin, abnormal instruction codes or data are read from the built-in PROM,
which may cause a program runaway.
Fig. 3.4.4 Wiring for the VPP pin of the One Time PROM and the EPROM version
3.4.2 Connection of bypass capacitor across VSS line and VCC line
Connect an approximately 0.1
µF bypass capacitor across the VSS line and the VCC line as follows:
• Connect a bypass capacitor across the VSS pin and the VCC pin at equal length.
• Connect a bypass capacitor across the VSS pin and the VCC pin with the shortest possible wiring.
• Use lines with a larger diameter than other signal lines for V SS line and VCC line.
• Connect the power source wiring via a bypass capacitor to the VSS pin and the VCC pin.
Fig. 3.4.5 Bypass capacitor across the VSS line and the VCC line
P51/VPP
RESET
Approximately
5 k
Ω
VSS
VCC
VSS
VCC
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com