Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 170Page - Renesas Technology Corp 38C3 Datasheet HTML 171Page - Renesas Technology Corp 38C3 Datasheet HTML 172Page - Renesas Technology Corp 38C3 Datasheet HTML 173Page - Renesas Technology Corp 38C3 Datasheet HTML 174Page - Renesas Technology Corp 38C3 Datasheet HTML 175Page - Renesas Technology Corp 38C3 Datasheet HTML 176Page - Renesas Technology Corp 38C3 Datasheet HTML 177Page - Renesas Technology Corp 38C3 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 224 page
background image
38C3 Group User’s Manual
3-29
APPENDIX
3.3 Notes on use
3.3.3 Notes on serial I/O
(1)
Selecting external synchronous clock
When an external synchronous clock is selected, the contents of serial I/O register are being shifted
continually while the transfer clock is input to the serial I/O1 clock pin. In this case, control the clock
externally.
(2)
Transmission data writing
When an external clock is used as the synchronous clock, write the transmit data to the serial I/O
shift register at “H” level of transfer clock input.
3.3.4 Notes on LCD controller
qWhen switching from the high-speed or middle-speed mode to the low-speed mode, switch the mode in
the following order:
(1) 32 kHz oscillation selected (bit 4 of CPU mode register (address 003B16) = “1”)
(2) Count source for LCDCK = f(XCIN)/32 (bit 7 of LCD mode register (address 003916) = “0”)
(3) Internal system clock: XCIN-XCOUT selected (bit 7 of CPU mode register (address 003B16) = “1”)
(4) Main clock XIN–XOUT stopped (bit 5 of CPU mode register (address 003B16) = “1”)
Execute the setting (2) after the oscillation at 32 kHz (setting (1)) becomes completely stable.
qIf the STP instruction is executed while the LCD is turned on by setting bit 3 of the LCD mode register
(address 003916) to “1”, a DC voltage is applied to the LCD. For this reason, do not execute the STP
instruction while the LCD is lighting.
qWhen the LCD is not used, open the segment and the common pins.
Connect VL1 to VL3 to VSS.
qFor the following products, if the LCD enable bit of the LCD mode register (bit 3 of address 003916) is
set to “0”, all LCDs cannot be turned off. When all LCDs are turned off, set “0” (turn off) to all corresponding
LCD display RAM.
Corresponding products: M38C34M6AXXXFP, M38C34M6MXXXFP, M38C37ECAXXXFP,
M38C37ECMXXXFP, M38C37ECAFP, M38C37ECMFP, M38C37ECAFS,
M38C3ECMFS, M38C37RFS, M38C37RMFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com