Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 169Page - Renesas Technology Corp 38C3 Datasheet HTML 170Page - Renesas Technology Corp 38C3 Datasheet HTML 171Page - Renesas Technology Corp 38C3 Datasheet HTML 172Page - Renesas Technology Corp 38C3 Datasheet HTML 173Page - Renesas Technology Corp 38C3 Datasheet HTML 174Page - Renesas Technology Corp 38C3 Datasheet HTML 175Page - Renesas Technology Corp 38C3 Datasheet HTML 176Page - Renesas Technology Corp 38C3 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 224 page
background image
3-28
APPENDIX
38C3 Group User’s Manual
3.3 Notes on use
(2)
When compare register is set to “000016” (last value is except “000016”)
Next 1 cycle of the cycle which data is written to timer A and compare register is output “H”, and
“L” is output from the next cycle. (timer A output switch bit = “0”: when starting from “L” output)
(see “Figure 3.3.5”)
Fig. 3.3.5 PWM output and IGBT output (2)
(3)
When timer A and compare register are same value
TAOUT output becomes “H” with underflow immediately after data is written to timer A and compare
register. And TAOUT output becomes “L” when timer A is reloaded and the value matches with
compare register. This “H” output width becomes 1 count of timer A count source. (timer A output
switch bit =“0”: when starting from “L” output) (see “Figure 3.3.6”)
Fig. 3.3.6 PWM output and IGBT output (3)
Timer A underflow
Compare register value is “000016”
Timer A value
compare register value
writing
Compare register value is
last value
Timer A underflowTimer A underflowTimer A underflow
Timer A value–compare register value
Timer A count source
1 count width
Timer A underflowTimer A underflow
Timer A value
compare register value
writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com