Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 166Page - Renesas Technology Corp 38C3 Datasheet HTML 167Page - Renesas Technology Corp 38C3 Datasheet HTML 168Page - Renesas Technology Corp 38C3 Datasheet HTML 169Page - Renesas Technology Corp 38C3 Datasheet HTML 170Page - Renesas Technology Corp 38C3 Datasheet HTML 171Page - Renesas Technology Corp 38C3 Datasheet HTML 172Page - Renesas Technology Corp 38C3 Datasheet HTML 173Page - Renesas Technology Corp 38C3 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 224 page
background image
38C3 Group User's Manual
APPENDIX
3-25
3.2 Standard characteristics
Fig. 3.2.11 CMOS output port (P50, P8) N-channel side characteristics (25 °C)
Fig. 3.2.12 CMOS output port (P50, P8) N-channel side characteristics (90 °C)
0
10
20
30
40
50
60
70
80
90
100
01
234
56
Port P80 IOL–VOL characteristics (25
°C)
(Same characteristics pins: P80–P87, P50)
IOL (mA)
VOL (V)
Vcc = 2.5 V
Vcc = 5.0 V
Vcc = 5.5 V
0
10
20
30
40
50
60
70
80
90
100
01
234
56
Port P80 IOL–VOL characteristics (90
°C)
(Same characteristics pins: P80–P87, P50)
IOL (mA)
VOL (V)
Vcc = 2.5 V
Vcc = 5.0 V
Vcc = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com