Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 179Page - Renesas Technology Corp 38C3 Datasheet HTML 180Page - Renesas Technology Corp 38C3 Datasheet HTML 181Page - Renesas Technology Corp 38C3 Datasheet HTML 182Page - Renesas Technology Corp 38C3 Datasheet HTML 183Page - Renesas Technology Corp 38C3 Datasheet HTML 184Page - Renesas Technology Corp 38C3 Datasheet HTML 185Page - Renesas Technology Corp 38C3 Datasheet HTML 186Page - Renesas Technology Corp 38C3 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 224 page
background image
3-38
APPENDIX
38C3 Group User’s Manual
3.5 Control registers
3.5 Control registers
Fig. 3.5.1 Structure of Port Pi
Fig. 3.5.2 Structure of Port P0 direction register and Port P1 direction register
Port Pi
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi (i = 0, 1, 2, 3, 4, 5, 6, 8)
(Pi: addresses 0016, 0216, 0416, 0616, 0816, 0A16, 0C16, 1016)
b
0
0
Port Pi0
qIn output mode
Write •••••••• Port latch
Read •••••••• Port latch
qIn input mode
Write •••••••• Port latch
Read •••••••• Value of pin
Port Pi1
Port Pi2
Port Pi3
Port Pi4
Port Pi5
Port Pi6
Port Pi7
Functions
Name
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
Port P0 direction register, Port P1 direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port P0 direction register (P0D: address 0116)
Port P1 direction register (P1D: address 0316)
b
0
Name
0
Functions
At reset R W
0
0
0
0
0
Ports P0/P1
direction register
0
0
!!
!!
0
!!
!!
!!
!!
!
!
!
Nothing is arranged for these bits. When these
bits are read out, the contents are undefined.
2
3
4
5
6
7
1
0 : All bits of ports P0/P1
input mode
1 : All bits of ports P0/P1
output mode
Note: Ports P0 and P1 are switched to input and output by each port.
When b0 of corresponding port direction register is set to “0”, all
8 bits of port become input port. When b0 of corresponding port
direction register is set to “1”, all 8 bits of port become output
port. Nothing is arranged for b1 to b7 of port P0 and port P1
direction registers. These are write disabled bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com