Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 181Page - Renesas Technology Corp 38C3 Datasheet HTML 182Page - Renesas Technology Corp 38C3 Datasheet HTML 183Page - Renesas Technology Corp 38C3 Datasheet HTML 184Page - Renesas Technology Corp 38C3 Datasheet HTML 185Page - Renesas Technology Corp 38C3 Datasheet HTML 186Page - Renesas Technology Corp 38C3 Datasheet HTML 187Page - Renesas Technology Corp 38C3 Datasheet HTML 188Page - Renesas Technology Corp 38C3 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 224 page
background image
3-40
APPENDIX
38C3 Group User’s Manual
3.5 Control registers
Fig. 3.5.6 Structure of PULL register A
Fig. 3.5.5 Structure of Port P7 direction register
Port P7 direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port P7 direction register
(P7D: address 0F16)
0 : Port P70 input mode
1 : Port P70 output mode
b
0
1
2
3
4
5
Name
0
Functions
At reset R W
0 : Port P71 input mode
1 : Port P71 output mode
0
0
0
0
0
Port P7 direction
register
6
0
7
0
!!
!!
!!
!!
!!
!
!
!
!
Nothing is arranged for these bits. When these
bits are read out, the contents are undefined.
b7 b6 b5 b4 b3 b2 b1 b0
PULL register A
(PULLA: address 1616)
0: No pull-down control
1: Pull-down control
b
0
1
2
3
4
7
Name
Functions
At reset R W
0: No pull-down control
1: Pull-down control
0: No pull-down control
1: Pull-down control
0
0
1
1
1
1
Port P00–P07
pull-down control
Port P10–P17
pull-down control
Port P20–P27
pull-down control
Port P70, P71
pull-up control
Port P80–P87
pull-up control
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “1”.
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
0
0
5
6
0: No pull-up control
1: Pull-up control
0: No pull-up control
1: Pull-up control
Note: The pin which is set to output port is cut off from pull-up control.
PULL register A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com