Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 199Page - Renesas Technology Corp 38C3 Datasheet HTML 200Page - Renesas Technology Corp 38C3 Datasheet HTML 201Page - Renesas Technology Corp 38C3 Datasheet HTML 202Page - Renesas Technology Corp 38C3 Datasheet HTML 203Page - Renesas Technology Corp 38C3 Datasheet HTML 204Page - Renesas Technology Corp 38C3 Datasheet HTML 205Page - Renesas Technology Corp 38C3 Datasheet HTML 206Page - Renesas Technology Corp 38C3 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 224 page
background image
3-58
APPENDIX
38C3 Group User’s Manual
3.6 Mask ROM confirmation form
GZZ-SH56-24B<91A0>
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M38C34M6AXXXFP
MITSUBISHI ELECTRIC
Mask ROM number
Date:
Section head
signature
Supervisor
signature
Company
name
Note : Please fill in all items marked g.
Customer
g
Date
issued
Submitted by
TEL
()
Date:
Supervisor
g 1. Confirmation
Three EPROMs are required for each pattern if this order is performed by EPROMs.
One floppy disk is required for each pattern if this order is performed by a floppy disk.
Checksum code for entire EPROM
(hexadecimal notation)
In the address space of the microcomputer, the internal
ROM area is from address A08016 to FFFD16. The reset
vector is stored in addresses FFFC16 and FFFD16.
(1) Set the data in the unused area (the shaded area of
the diagram) to “FF16”.
(2) The ASCII codes of the product name “M38C34M6A”
must be entered in addresses 000016 to 000816. And
set the data “FF16” in addresses 000916 to 000F16.
The ASCII codes and addresses are listed to the right
in hexadecimal notation.
Address
000016
000116
000216
000316
000416
000516
000616
000716
‘M’ = 4D16
‘3’ = 3316
‘8’ = 3816
‘C’ = 4316
‘3’ = 3316
‘4’ = 3416
‘M’ = 4D16
‘6’ = 3616
Address
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
‘A’ = 4116
FF16
FF16
FF16
FF16
FF16
FF16
FF16
(1/2)
EPROM type (indicate the type used)
27256
EPROM address
000016
000F16
001016
207F16
208016
7FFD16
7FFE16
7FFF16
Product name
ASCII code :
‘M38C34M6A’
data
ROM (24K-130) bytes
27512
EPROM address
000016
000F16
001016
A07F16
A08016
FFFD16
FFFE16
FFFF16
Product name
ASCII code :
‘M38C34M6A’
data
ROM (24K-130) bytes
Microcomputer name:
M38C34M6AXXXFP
Ordering by EPROMs
Specify the type of EPROMs submitted.
If at least two of the three sets of EPROMs submitted contain identical data, we will produce masks based on this data.
We shall assume the responsibility for errors only if the mask ROM data on the products we produce differs from this
data. Thus, extreme care must be taken to verify the data in the submitted EPROMs.
3.6 Mask ROM confirmation form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com