Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 195Page - Renesas Technology Corp 38C3 Datasheet HTML 196Page - Renesas Technology Corp 38C3 Datasheet HTML 197Page - Renesas Technology Corp 38C3 Datasheet HTML 198Page - Renesas Technology Corp 38C3 Datasheet HTML 199Page - Renesas Technology Corp 38C3 Datasheet HTML 200Page - Renesas Technology Corp 38C3 Datasheet HTML 201Page - Renesas Technology Corp 38C3 Datasheet HTML 202Page - Renesas Technology Corp 38C3 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 224 page
background image
3-54
APPENDIX
38C3 Group User’s Manual
3.5 Control registers
Fig. 3.5.30 Structure of Interrupt request register 1
Interrupt request register 1
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 1
(IREQ1 : address 3C16)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
INT0 interrupt
request bit
INT1 interrupt
request bit
Serial I/O interrupt
request bit
Timer A interrupt
request bit
Timer 1 interrupt
request bit
Timer 2 interrupt
request bit
INT2 interrupt
request bit
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
Timer 3 interrupt
request bit
0 : No interrupt request
issued
1 : Interrupt request issued
0
V
V
V
V
V
V
V
V
V: “0” can be set by software, but “1” cannot be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com