Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 191Page - Renesas Technology Corp 38C3 Datasheet HTML 192Page - Renesas Technology Corp 38C3 Datasheet HTML 193Page - Renesas Technology Corp 38C3 Datasheet HTML 194Page - Renesas Technology Corp 38C3 Datasheet HTML 195Page - Renesas Technology Corp 38C3 Datasheet HTML 196Page - Renesas Technology Corp 38C3 Datasheet HTML 197Page - Renesas Technology Corp 38C3 Datasheet HTML 198Page - Renesas Technology Corp 38C3 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 224 page
background image
3-50
APPENDIX
38C3 Group User’s Manual
3.5 Control registers
Fig. 3.5.22 Structure of Timer A control register
Fig. 3.5.23 Structure of A-D control register
Timer A control register
b7 b6 b5 b4 b3 b2 b1 b0
Timer A control register
(TACON: address 3116)
b
0
4
Name
0
Functions
At reset R W
Noise filter sampling
clock selection bit
External trigger delay
time selection bits
0: f(XIN)/2
1: f(XIN)/4
0: Not used
1: INT1 interrupt used
0 0: No delay
0 1: (4/f(XIN))
µs
1 0: (8/f(XIN))
µs
1 1: (16/f(XIN))
µs
0
0
1
Timer A output control
bit 1 (P56)
0: Not used
1: INT2 interrupt used
Timer A output control
bit 2 (P57)
3
0
0
0
5
6
7
2
b2b1
0
0
Nothing is arranged for these bits. These are write
disabled bits. When these bits are read out, the
contents are “0”.
A-D control register
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register
(ADCON: address 3216)
b
0
1
2
Name
0
Functions
At reset R W
0
0
0
Analog input pin
selection bits
b2 b1 b0
0 0 0: P60/AN0
0 0 1: P61/AN1
0 1 0: P62/AN2
0 1 1: P63/AN3
1 0 0: P64/AN4
1 0 1: P65/AN5
1 1 0: P66/AN6
1 1 1: P67/AN7
3
0
AD conversion
completion bit
0: Conversion in progress
1: Conversion completed
4
0
5
0
0
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
Nothing is arranged for this bit. This is write
disabled bit. When this bit is read out, the
contents are “0”.
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com