Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 188Page - Renesas Technology Corp 38C3 Datasheet HTML 189Page - Renesas Technology Corp 38C3 Datasheet HTML 190Page - Renesas Technology Corp 38C3 Datasheet HTML 191Page - Renesas Technology Corp 38C3 Datasheet HTML 192Page - Renesas Technology Corp 38C3 Datasheet HTML 193Page - Renesas Technology Corp 38C3 Datasheet HTML 194Page - Renesas Technology Corp 38C3 Datasheet HTML 195Page - Renesas Technology Corp 38C3 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 224 page
background image
38C3 Group User’s Manual
3-47
APPENDIX
3.5 Control registers
Fig. 3.5.16 Structure of Timer 34 mode register
Fig. 3.5.17 Structure of Timer 56 mode register
Timer 34 mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 34 mode register
(T34M: address 2916)
0: Count operation
1: Count stop
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0: Count operation
1: Count stop
0
0 0: f(XIN)/16 or f(XCIN)/16
0 1: Timer 2 underflow
1 0: f(XIN)/32 or f(XCIN)/32
1 1: f(XIN)/128 or f(XCIN)/128
0
0
0
0: I/O port
1: Timer 3 output
0
0
Timer 3 count stop
bit
Timer 4 count stop
bit
Timer 4 count
source selection
bits
Timer 3 output
selection bit (P42)
Timer 3 count
source selection
bits
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
b3 b2
b5 b4
0 0: f(XIN)/16 or f(XCIN)/16
0 1: Timer 3 underflow
1 0: External count input
CNTR1
1 1: Not available
Timer 56 mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 56 mode register
(T56M: address 2A16)
0: Count operation
1: Count stop
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0: Count operation
1: Count stop
0
0: f(XIN)/16 or f(XCIN)/16
1: Timer 4 underflow
0: Timer mode
1: PWM mode
0
0
0
0: I/O port
1: Timer 6 output
0
0
0
Timer 5 count stop
bit
Timer 6 count stop
bit
Timer 6 count
source selection
bits
Timer 6 (PWM)
output selection bit
(P52)
Timer 5 count
source selection bit
Timer 6 operation
mode selection bit
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
b5 b4
0 0: f(XIN)/16 or f(XCIN)/16
0 1: Timer 5 underflow
1 0: Timer 4 underflow
1 1: Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com