Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 192Page - Renesas Technology Corp 38C3 Datasheet HTML 193Page - Renesas Technology Corp 38C3 Datasheet HTML 194Page - Renesas Technology Corp 38C3 Datasheet HTML 195Page - Renesas Technology Corp 38C3 Datasheet HTML 196Page - Renesas Technology Corp 38C3 Datasheet HTML 197Page - Renesas Technology Corp 38C3 Datasheet HTML 198Page - Renesas Technology Corp 38C3 Datasheet HTML 199Page - Renesas Technology Corp 38C3 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 224 page
background image
38C3 Group User’s Manual
3-51
APPENDIX
3.5 Control registers
Fig. 3.5.24 Structure of A-D conversion register (low-order)
Fig. 3.5.25 Structure of A-D conversion register (high-order)
A-D conversion register (low-order)
b7 b6 b5 b4 b3 b2 b1 b0
A-D conversion register (low-order)
(ADL: address 3316)
b
0
0
0
0
0
0
0
0
At reset R W
1
2
3
4
5
6
7
Functions
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Nothing is arranged for these bits. These are write
disabled bits. When these bits are read out, the
contents are “0”.
These are A-D conversion result (low-order 2 bits)
stored bits. This is read exclusive register.
Note: Do not read this register during A-D conversion.
A-D conversion register (high-order)
b7 b6 b5 b4 b3 b2 b1 b0
A-D conversion register (high-order)
(ADH: address 3416)
b
0
0
0
0
0
0
0
0
At reset R W
1
2
3
4
5
6
7
Functions
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
This is A-D conversion result (high-order 8 bits) stored
bits. This is read exclusive register.
Note: Do not read this register during A-D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com