Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 194Page - Renesas Technology Corp 38C3 Datasheet HTML 195Page - Renesas Technology Corp 38C3 Datasheet HTML 196Page - Renesas Technology Corp 38C3 Datasheet HTML 197Page - Renesas Technology Corp 38C3 Datasheet HTML 198Page - Renesas Technology Corp 38C3 Datasheet HTML 199Page - Renesas Technology Corp 38C3 Datasheet HTML 200Page - Renesas Technology Corp 38C3 Datasheet HTML 201Page - Renesas Technology Corp 38C3 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 224 page
background image
38C3 Group User’s Manual
3-53
APPENDIX
3.5 Control registers
Fig. 3.5.29 Structure of CPU mode register
Fig. 3.5.28 Structure of Interrupt edge selection register
Interrupt edge selection register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt edge selection register
(INTEDGE: address 3A16)
0: Falling edge active
1: Rising edge active
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
0
INT0 interrupt edge
selection bit
0: I/O ports P24–P27
1: Segment output SEG4–SEG7
INT1 interrupt edge
selection bit
0: I/O ports P00–P03
1: Segment output SEG8–SEG11
INT2 interrupt edge
selection bit
CNTR0 active edge
switch bit
CNTR1 active edge
switch bit
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read out,
the contents are “0”.
0: Falling edge active,
rising edge count
1: Rising edge active,
falling edge count
0: Falling edge active,
rising edge count
1: Rising edge active,
falling edge count
CPU mode register
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register
(CPUM, CM: address 3B16)
00 : Single-chip mode
01 :
10 :
Not available
11 :
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0 : Page 0
1 : Page 1
0
1
0
0: Oscillating
1: Stopped
0
1
0
Processor mode
bits
Stack page
selection bit
Port Xc switch bit
Nothing is arranged for this bit. When this bit is
read out, the contents is “1”. Do not write “0” to
this bit.
Main clock (XIN-
XOUT) stop bit
Main clock division
ratio selection bit
Internal system
clock selection bit
b1 b0
0: f(XIN)/2 (high-speed
mode)
1: f(XIN)/8 (middle-speed
mode)
0: XIN–XOUT selection
(middle-/high-speed
mode)
1: XCIN–XCOUT selection
(low-speed mode)
0: I/O port function
1: XCIN-XCOUT oscillation
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com