Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 205Page - Renesas Technology Corp 38C3 Datasheet HTML 206Page - Renesas Technology Corp 38C3 Datasheet HTML 207Page - Renesas Technology Corp 38C3 Datasheet HTML 208Page - Renesas Technology Corp 38C3 Datasheet HTML 209Page - Renesas Technology Corp 38C3 Datasheet HTML 210Page - Renesas Technology Corp 38C3 Datasheet HTML 211Page - Renesas Technology Corp 38C3 Datasheet HTML 212Page - Renesas Technology Corp 38C3 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 224 page
background image
3-64
APPENDIX
38C3 Group User’s Manual
3.7 ROM programming confirmation form
GZZ-SH56-30B<91A0>
740 FAMILY WRITING TO PROM CONFIRMATION FORM
SINGLE-CHIP 8-BIT MICROCOMPUTER M38C37ECMXXXFP
MITSUBISHI ELECTRIC
ROM number
Date:
Section head
signature
Supervisor
signature
Company
name
Note : Please fill in all items marked g.
Customer
g
Date
issued
Submitted by
TEL
()
Date:
Supervisor
g 1. Confirmation
Three EPROMs are required for each pattern if this order is performed by EPROMs.
One floppy disk is required for each pattern if this order is performed by a floppy disk.
Checksum code for entire EPROM
(hexadecimal notation)
In the address space of the microcomputer, the internal ROM area is from address 408016 to FFFD16. The reset vector is
stored in addresses FFFC16 and FFFD16.
(1) Set the data in the unused area (the shaded area of
the diagram) to “FF16”.
(2) The ASCII codes of the product name “M38C37ECM”
must be entered in addresses 000016 to 000816. And
set the data “FF16” in addresses 000916 to 000F16.
The ASCII codes and addresses are listed to the right
in hexadecimal notation.
(1/2)
EPROM type (indicate the type used)
Ordering by EPROMs
If at least two of the three sets of EPROMs submitted contain identical data, we will produce writing to PROM based on
this data. We shall assume the responsibility for errors only if the written PROM data on the products we produce dif-
fers from this data. Thus, extreme care must be taken to verify the data in the submitted EPROMs.
EPROM address
27512
000016
000F16
001016
407F16
408016
FFFD16
FFFE16
FFFF16
EPROM address
Product name
ASCII code :
‘M38C37ECM’
Data
ROM 48K-130 bytes
Address
000016
000116
000216
000316
000416
000516
000616
000716
‘M’ = 4D16
‘3’ = 3316
‘8’ = 3816
‘C’ = 4316
‘3’ = 3316
‘7’ = 3716
‘E’ = 4516
‘C’ = 4316
Address
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
‘ M ’ =4D16
FF16
FF16
FF16
FF16
FF16
FF16
FF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com