Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 206Page - Renesas Technology Corp 38C3 Datasheet HTML 207Page - Renesas Technology Corp 38C3 Datasheet HTML 208Page - Renesas Technology Corp 38C3 Datasheet HTML 209Page - Renesas Technology Corp 38C3 Datasheet HTML 210Page - Renesas Technology Corp 38C3 Datasheet HTML 211Page - Renesas Technology Corp 38C3 Datasheet HTML 212Page - Renesas Technology Corp 38C3 Datasheet HTML 213Page - Renesas Technology Corp 38C3 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 224 page
background image
38C3 Group User’s Manual
3-65
APPENDIX
3.7 ROM programming confirmation form
740 FAMILY WRITING TO PROM CONFIRMATION FORM
SINGLE-CHIP 8-BIT MICROCOMPUTER M38C37ECMXXXFP
MITSUBISHI ELECTRIC
GZZ-SH56-30B<91A0>
ROM number
g 2. Mark specification
Mark specification must be submitted using the correct form for the package being ordered. Fill out the appropriate
80P6N mark specification form and attach it to the writing to PROM confirmation form.
(2/2)
We recommend the use of the following pseudo-command to set the start address of the assembler source program be-
cause ASCII codes of the product name are written to addresses 000016 to 000816 of EPROM.
EPROM type
The pseudo-command
Note : If the name of the product written to the EPROMs does not match the name of the writing to PROM confirmation
form, the ROM will not be processed.
27512
*=
$0000
.BYTE
‘M38C37ECM’
Ordering by floppy disk
We will produce writing to PROM based on the mask files generated by the mask file generating utility. We shall as-
sume the responsibility for errors only if the written PROM data on the products we produce differs from this mask file.
Thus, extreme care must be taken to verify the mask file in the submitted floppy disk.
The submitted floppy disk must be 3.5-inch 2HD type and DOS/V format. And the number of the mask files must be
1 in one floppy disk.
File code
(hexadecimal notation)
Mask file name
.MSK (equal or less than eight characters)
g 3. Usage conditions
Please answer the following questions about usage for use in our product inspection :
(1) How will you use the XIN-XOUT oscillator?
At what frequency?
f(XIN) =
Ceramic resonator
External clock input
Quartz crystal
Other (
)
MHz
g 4. Comments
(2) Which function will you use the pins P70/XCIN and P71/XCOUT as P70 and P71, or XCIN and XCOUT ?
Ports P70 and P71 function
XCIN and XCOUT function (external resonator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com