Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 135Page - Renesas Technology Corp 7477 Datasheet HTML 136Page - Renesas Technology Corp 7477 Datasheet HTML 137Page - Renesas Technology Corp 7477 Datasheet HTML 138Page - Renesas Technology Corp 7477 Datasheet HTML 139Page - Renesas Technology Corp 7477 Datasheet HTML 140Page - Renesas Technology Corp 7477 Datasheet HTML 141Page - Renesas Technology Corp 7477 Datasheet HTML 142Page - Renesas Technology Corp 7477 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-122
HARDWARE
1.13 Serial I/O
[UART transmit setting method]
1 Clear the Serial I/O transmit interrupt enable bit (bit 6 of Interrupt control register 1) to “0.”
2 When selecting the internal clock, set the BRG value.
3 Set the Serial I/O control register according to Table 1.13B.5.
4 Set the data format according to Table 1.13B.6.
5 When using a Serial I/O transmit interrupt
[1] Clear the Serial I/O transmit interrupt request bit (bit 6 of Interrupt request register 1) to “0.”
Note: When the ordinary port is switched over to the Serial I/O port, the Serial I/O transmit
interrupt request may be set to “1.” Clear the Serial I/O transmit interrupt request bit
to “0” after one instruction or more after switching the ordinary port over to the Serial
I/O port.
[2] Set the Serial I/O transmit interrupt enable bit to “1.”
6 Write transmit data into the Transmit buffer register.
Table 1.13B.5 UART transmit setting
Register to be used
Item
f (XIN)/4
f (XIN)/16
BRG output divided by 16
External clock input divided by 16
Transmit buffer empty
When the transmit shift operation is completed
Transmit enable
Disable (Half-duplex data communication)
Enable (Full-duplex data communication)
Clock asynchronization
P14 to P17 function as Serial I/O pins (Note 3)
Serial I/O control register
(SIOCON: Address 00E216)
bit
b0
b1
b2
b3
b4
b5
b6
b7
setting value
0
1
0
1
(Note 2)
0
1
1
0
1
0
1
Notes 1: f(XCIN)/4 (setting value : 0), f(XCIN)/16 (setting value : 1) can be selected in the 7478 Group.
2: When the UART is selected, this bit does not function.
3: When the internal clock is selected, the P16/SCLK pin can be used as port P16.
BRG count source selection
(Note 1)
Synchronous clock selection
__________
SRDY
signal output selection
Transmit interrupt request selection
Transmit enable selection
Receive enable selection
Clock asynchronous selection
Serial I/O enable selection
Table 1.13B.6 Set value of UART control register
Serial data transfer format
1ST-8DATA-1SP
1ST-7DATA-1SP
1ST-8DATA-1PA-1SP
1ST-7DATA-1PA-1SP
1ST-8DATA-2SP
1ST-7DATA-2SP
1ST-8DATA-1PA-2SP
1ST-7DATA-1PA-2SP
UART control register (UARTCON: Address 00E316)
b3
0
0
0
0
1
1
1
1
b2
–
Selection
(Note)
_
Selection
(Note)
b1
0
0
1
1
0
0
1
1
b0
0
1
0
1
0
1
0
1
Note: 0: Even parity
1: Odd parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com