Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 137Page - Renesas Technology Corp 7477 Datasheet HTML 138Page - Renesas Technology Corp 7477 Datasheet HTML 139Page - Renesas Technology Corp 7477 Datasheet HTML 140Page - Renesas Technology Corp 7477 Datasheet HTML 141Page - Renesas Technology Corp 7477 Datasheet HTML 142Page - Renesas Technology Corp 7477 Datasheet HTML 143Page - Renesas Technology Corp 7477 Datasheet HTML 144Page - Renesas Technology Corp 7477 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-124
HARDWARE
1.13 Serial I/O
q Receive interrupt operation (valid when the Serial I/O is selected)
When receive data is transferred from the Receive shift register to the Receive buffer register after
one-byte data is all input to the Receive shift register, an interrupt request is generated.
* In case of the UART, an interrupt operation is performed in the same way as when the synchronous
clock is selected.
Figure 1.13B.11 shows a receive operation of UART and Figure 1.13B.12 shows a receive timing
of UART.
Fig. 1.13B.11 Receive operation of UART
RxD (noise)
RxD (ST)
Œ
1
b1
0
RxD (SP)

1
b5
0
P14/RxD
D0
b0
D1
D2
D3
D0
b0
P14/RxD
D5
D2
D6
D7
D3
D4
D0
D1

1
b3
0
1
b6
0
0
0
b4
b5
1
1
Synchronous clock
“H” level detected
→ judge as noise
Synchronous clock
Receive shift register
Synchronous clock
Synchronous clock
Receive shift register
Receive shift register
Receive buffer register
(Address 00E016)
Receive data transfer
Synchronous clock
Serial I/O status register
(Address 00E116)
Interrupt request register 1
(Address 00FC16)
Serial I/O status register
(Address 00E116)
b3(OE)=“1” when the overrun error occurs.
b4(PE)=“1” when the parity error occurs.
b5(FE)=“1” when the framing error occurs.
b6(SE)=“1” when OE U PE U FE=1.
“L” level detected
→ judge as start bit

Ž
‘



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com