Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 136Page - Renesas Technology Corp 7477 Datasheet HTML 137Page - Renesas Technology Corp 7477 Datasheet HTML 138Page - Renesas Technology Corp 7477 Datasheet HTML 139Page - Renesas Technology Corp 7477 Datasheet HTML 140Page - Renesas Technology Corp 7477 Datasheet HTML 141Page - Renesas Technology Corp 7477 Datasheet HTML 142Page - Renesas Technology Corp 7477 Datasheet HTML 143Page - Renesas Technology Corp 7477 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 354 page
background image
1-123
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.13 Serial I/O
2
2
2
2
2 Receive operation of UART
The receive operation of UART is described below.
q Start of receive operation
Set the receive enable bit (bit 5) of the Serial I/O control register (SIOCON) to the enable state
(“1”) in the receive enable state.V1 With this operation, the start bit is detected and serial data is
received.
q Receive operation
1 After a fall of the P14/RxD pin is detected, the level of the P14/RxD pin is checked after one-
half a cycle of the synchronous clock. If its level is “L,” the bit is judged as a start bit. When
its level is “H,” it is judged that noise is generated, so that the the receive operation is stopped
and the UART waits for the start bit.
2 Receive data is input bit by bit from the P14/RxD pin to the Receive shift register in synchronization
with the rise of the synchronous clock.
3 Data, immediately after the start bit, is input starting with the most significant bit of the Receive
shift register. Each time one bit is received, the contents of the Receive shift register are shifted
by 1 bit in the direction of the least significant bit.
4 When the specified number of bits are all input in the Receive shift register, the contents of the
Receive shift register are transferred to the Receive buffer register (RB).V2,V3
5 After 1/2 cycle of the shift clock after a start of stop bit reception, the receive buffer full flag
(bit 1) of the Serial I/O status register (SIOSTS) is set to “1”V4 and a receive interrupt request
is generated.
6 Error flag detection is started concurrently with the occurrence of the receive interrupt request.
V1: Status in which the register for receive operation has been completed. Refer to the “[UART
receive setting method]” which will be described later.
V2: When the data bit length is 7 bits, the contents of the Receive buffer register consist of receive
data of bits 0 to 6 and “0” of bit 7 (MSB).
V3: If receive data is further input to the Receive shift register when data remains (when the
receive buffer full flag is “1”) without reading out the contents of the Receive buffer register, the
overrun error flag of the Serial I/O status register is set to “1.” At this time, the data of the
Receive shift register is not transferred to the Receive buffer register and the original data of
the Receive buffer register is held.
V4: The receive buffer full flag is cleared to “0” by reading out the Receive buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com