Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 34 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 30Page - Texas Instruments PCM1691 Datasheet HTML 31Page - Texas Instruments PCM1691 Datasheet HTML 32Page - Texas Instruments PCM1691 Datasheet HTML 33Page - Texas Instruments PCM1691 Datasheet HTML 34Page - Texas Instruments PCM1691 Datasheet HTML 35Page - Texas Instruments PCM1691 Datasheet HTML 36Page - Texas Instruments PCM1691 Datasheet HTML 37Page - Texas Instruments PCM1691 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
70
46
DAMS
RSV
DEMP1
DEMP0
RSV
AZRO1
AZRO0
ZREV
DAMS
Digital attenuation mode
This bit selects the attenuation mode.
Default value: 0.
DAMS
Digital attenuation mode
0
Fine step: 0.5-dB step for 0 dB to –63 dB range (default)
1
Wide range: 1-dB step for 0 dB to –100 dB range
RSV
Reserved
Reserved; do not use.
DEMP[1:0]
Digital de-emphasis function/sampling rate control
These bits are used to disable and enable the various sampling frequencies of the digital
de-emphasis function.
Default value: 00.
DEMP
Digital de-emphasis function/sampling rate control
00
Disable (default)
01
48 kHz enable
10
44.1 kHz enable
11
32 kHz enable
AZRO[1:0]
Zero flag channel combination selection
These bits are used to select the zero flag channel combination for ZERO1 and ZERO2.
If the analog mute function control by ZERO flags is used, AZRO[1:0] should not be set '00';
otherwise, the analog mute works even if the data of DIN2-4 are not zero.
Default value: 00.
AZRO
Zero flag combination selection
00
Combination A: ZERO1 = DIN1 left channel, ZERO2 = DIN1 right channel (default)
01
Combination B: ZERO1 = DIN1-4, ZERO2 = DIN1-4
10
Combination C: ZERO1 = DIN4, ZERO2 = DIN1-3
11
Combination D: ZERO1 = DIN1, ZERO2 = DIN2-4
ZREV
Zero flag polarity selection
This bit controls the polarity of the zero flag pin.
Default value: 0.
ZREV
Zero flag polarity selection
0
High for zero detect (default)
1
Low for zero detect
34
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com