Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 18Page - Texas Instruments PCM1691 Datasheet HTML 19Page - Texas Instruments PCM1691 Datasheet HTML 20Page - Texas Instruments PCM1691 Datasheet HTML 21Page - Texas Instruments PCM1691 Datasheet HTML 22Page - Texas Instruments PCM1691 Datasheet HTML 23Page - Texas Instruments PCM1691 Datasheet HTML 24Page - Texas Instruments PCM1691 Datasheet HTML 25Page - Texas Instruments PCM1691 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
AMUTE CONTROL
MODE CONTROL
PARALLEL HARDWARE CONTROL
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
The PCM1691 has an AMUTE control input, status output pins, and functionality. AMUTEI is the input control pin
of the internal analog mute circuit. An AMUTEI low input causes the DAC output to cut off from the digital input
and forces it to the center level (0.5 × VCC1). AMUTEO is the status output pin of the internal analog mute
circuit. AMUTEO low indicates the analog mute control circuit is active because of a programmed condition (such
as an SCKI halt, asynchronous detect, zero detect, or by the DAC disable command) that forces the DAC
outputs to a center level. Because AMUTEI is not terminated internally and AMUTEO is an open-drain output,
pull-ups by the appropriate resistors are required for proper operation.
Additionally, because the AMUTEI pin control and power-down control in register (OPEDA[3:0] when high,
PSMDA when low) do not function together, AMUTEI takes priority over power-down control. Therefore,
power-down control is ignored during AMUTEI low, and AMUTEI low forces the DAC output to a center level (0.5
× VCC1) even if power-down control is asserted.
The PCM1691 includes three mode control interfaces with two oversampling configurations, depending on the
input state of the MODE pin, as shown in Table 9. The pull-up and pull-down resistors must each be less than 10
k
Ω.
Table 9. Interface Mode Control Selection
MODE
MODE CONTROL INTERFACE
Tied to DGND, low
Two-wire (I2C) serial control, selectable oversampling configuration
Left open
Two-wire parallel control, auto mode oversampling configuration
Tied to VDD, high
Three-wire (SPI) serial control, selectable oversampling configuration
The input state of the MODE pin is sampled at the moment of power-on, or during a low-to-high transition of the
RST pin, with the system clock input. Therefore, input changes after reset are ignored until the next power-on or
reset. From the mode control selection described in Table 9, the functions of four pins are changed, as shown in
Table 10.
Table 10. Pin Functions for Interface Mode
PIN ASSIGNMENTS
PIN
SPI
I2C
H/W
20
MD (input)
SDA (input/output)
DEMP (input)
21
MC (input)
SCL (input)
FMT (input)
22
MS (input)
ADR0 (input)
RSV (input, low)
23
Test (output, open)
ADR1 (input)
RSV (input, low)
In serial mode control, the actual mode control is performed by register writes (and reads) through the SPI- or
I2C-compatible serial control port. In parallel mode control, two specific functions are controlled directly through
the high/low control of two specific pins, as described in the following section.
The functions shown in Table 11 and Table 12 are controlled by two pins, DEMP and FMT, in parallel hardware
control mode. The DEMP pin controls the 44.1-kHz digital de-emphasis function of all eight channels. The FMT
pin controls the audio interface format for all eight channels.
Table 11. DEMP Functionality
DEMP
DESCRIPTION
Low
De-emphasis off
High
44.1-kHz de-emphasis on
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com