Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 36 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 32Page - Texas Instruments PCM1691 Datasheet HTML 33Page - Texas Instruments PCM1691 Datasheet HTML 34Page - Texas Instruments PCM1691 Datasheet HTML 35Page - Texas Instruments PCM1691 Datasheet HTML 36Page - Texas Instruments PCM1691 Datasheet HTML 37Page - Texas Instruments PCM1691 Datasheet HTML 38Page - Texas Instruments PCM1691 Datasheet HTML 39Page - Texas Instruments PCM1691 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
APPLICATION INFORMATION
CONNECTION DIAGRAMS
POWER SUPPLY AND GROUNDING
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
A basic connection diagram is shown in Figure 40, with the necessary power-supply bypassing and decoupling
components. Texas Instruments’ PLL170X is used to generate the system clock input at SCKI, as well as to
generate the clock for the audio signal processor. The use of series resistors (22
Ω to 100 Ω) are recommended
for SCKI, LRCK, BCK, DIN1, DIN2, DIN3, and DIN4 for electromagnetic interference (EMI) reduction.
The PCM1691 requires +5 V for the analog supply and +3.3 V for the digital supply. The +5-V supply is used to
power the DAC analog and output filter circuitry, and the +3.3-V supply is used to power the digital filter and
serial interface circuitry. For best performance, it is recommended to use a linear regulator (such as the
REG102-5/33 or REG103-5/33) with the +5-V and +3.3-V supplies.
Five capacitors are required for supply bypassing, as shown in Figure 40. These capacitors should be located as
close as possible to the PCM1691 package. The 10-
µF capacitors are aluminum electrolytic, while the three 1-µF
capacitors are ceramic.
36
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com