Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 19Page - Texas Instruments PCM1691 Datasheet HTML 20Page - Texas Instruments PCM1691 Datasheet HTML 21Page - Texas Instruments PCM1691 Datasheet HTML 22Page - Texas Instruments PCM1691 Datasheet HTML 23Page - Texas Instruments PCM1691 Datasheet HTML 24Page - Texas Instruments PCM1691 Datasheet HTML 25Page - Texas Instruments PCM1691 Datasheet HTML 26Page - Texas Instruments PCM1691 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
THREE-WIRE (SPI) SERIAL CONTROL
CONTROL DATA WORD FORMAT
ADR6
0
RegisterAddress
RegisterData
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
REGISTER WRITE OPERATION
MS
MC
MD
X
(1)
'0'
ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0
D7
D6
D5
D4
D3
D2
D1
D0
X
X
0
ADR6
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
Table 12. FMT Functionality
FMT
DESCRIPTION
Low
16-/20-/24-/32-bit I2S format
High
24-bit I2S mode TDM format
The PCM1691 includes an SPI-compatible serial port that operates asynchronously with the audio serial
interface. The control interface consists of MD/SDA/DEMP, MC/SCL/FMT, and MS/ADR0/RSV. MD is the serial
data input used to program the mode control registers. MC is the serial bit clock that shifts the data into the
control port. MS is the select input used to enable the mode control port.
All single write operations via the serial control port use 16-bit data words. Figure 32 shows the control data word
format. The first bit (fixed at '0') is for write operation. After the first bit are seven other bits, labeled ADR[6:0],
that set the register address for the write operation. The eight least significant bits (LSBs), D[7:0] on MD, contain
the data to be written to the register address specified by ADR[6:0].
Figure 32. Control Data Word Format for MD
Figure 33 shows the functional timing diagram for single write operations on the serial control port. MS is held at
a high state until a register is to be written to. To start the register write cycle, MS is set to a low state. 16 clocks
are then provided on MC, corresponding to the 16 bits of the control data word on MD. After the 16th clock cycle
has been completed, MS is set high to latch the data into the indexed mode control register.
In addition to single write operations, the PCM1691 also supports multiple write operations, which can be
performed by sending the N-bytes (where N
≤ 15) of the 8-bit register data that follow after the first 16-bit register
address and register data, while keeping the MC clocks and MS at a low state. Ending a multiple write operation
can be accomplished by setting MS to a high state.
(1) X = don't care.
Figure 33. Register Write Operation
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com