Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 18 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 14Page - Texas Instruments PCM1691 Datasheet HTML 15Page - Texas Instruments PCM1691 Datasheet HTML 16Page - Texas Instruments PCM1691 Datasheet HTML 17Page - Texas Instruments PCM1691 Datasheet HTML 18Page - Texas Instruments PCM1691 Datasheet HTML 19Page - Texas Instruments PCM1691 Datasheet HTML 20Page - Texas Instruments PCM1691 Datasheet HTML 21Page - Texas Instruments PCM1691 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
LRCK
N M
2
1
0
L
LSB
MSB
N
N
M
2
1
0
L
LSB
MSB
Ch2(DIN1)orCh4(DIN2)
Ch6(DIN3)orCh8(DIN4)
Ch1(DIN1)orCh3(DIN2)
Ch5(DIN3)orCh7(DIN4)
BCK
DIN1/2/3/4
LRCK
Ch2(DIN1)orCh4(DIN2)
Ch6(DIN3)orCh8(DIN4)
23 22 21
2
1
0
LSB
MSB
23 22 21
2
1
0
LSB
MSB
0
Ch1(DIN1)orCh3(DIN2)
Ch5(DIN3)orCh7(DIN4)
BCK
DIN1/2/3/4
LRCK
Ch2(DIN1)orCh4(DIN2)
Ch6(DIN3)orCh8(DIN4)
0
BCK
DIN1/2/3/4
Ch1(DIN1)orCh3(DIN2)
Ch5(DIN3)orCh7(DIN4)
15 14 13
2
1
0
MSB
LSB
15 14 13
2
1 0
MSB
LSB
1/f (64BCKs)
S
LRCK
BCK
I SMode
2
DIN1/2/3/4
Left-JustifiedMode
DIN1/2/3/4
Ch1(DIN1)orCh3(DIN2)
Ch5(DIN3)orCh7(DIN4)
Ch2(DIN1)orCh4(DIN2)
Ch6(DIN3)orCh8(DIN4)
23 22 21
2
1
0
23 22 21
2
1
0
23 22 21
2
1
0
23 22
23 22 21
23 22
21
2
1
0
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
Figure 23. Audio Data Format: 16-/20-/24-/32-Bit Left-Justified
(N = 15/19/23/31, M = 14/18/22/30, and L = 13/17/21/29)
Figure 24. Audio Data Format: 24-Bit Right-Justified
Figure 25. Audio Data Format: 16-Bit Right-Justified
Figure 26. Audio Data Format: 24-Bit DSP Format
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com