Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 35 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 31Page - Texas Instruments PCM1691 Datasheet HTML 32Page - Texas Instruments PCM1691 Datasheet HTML 33Page - Texas Instruments PCM1691 Datasheet HTML 34Page - Texas Instruments PCM1691 Datasheet HTML 35Page - Texas Instruments PCM1691 Datasheet HTML 36Page - Texas Instruments PCM1691 Datasheet HTML 37Page - Texas Instruments PCM1691 Datasheet HTML 38Page - Texas Instruments PCM1691 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
71
47
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
72
48
ATDA17
ATDA16
ATDA15
ATDA14
ATDA13
ATDA12
ATDA11
ATDA10
73
49
ATDA27
ATDA26
ATDA25
ATDA24
ATDA23
ATDA22
ATDA21
ATDA20
74
4A
ATDA37
ATDA36
ATDA35
ATDA34
ATDA33
ATDA32
ATDA31
ATDA30
75
4B
ATDA47
ATDA46
ATDA45
ATDA44
ATDA43
ATDA42
ATDA41
ATDA40
76
4C
ATDA57
ATDA56
ATDA55
ATDA54
ATDA53
ATDA52
ATDA51
ATDA50
77
4D
ATDA67
ATDA66
ATDA65
ATDA64
ATDA63
ATDA62
ATDA61
ATDA60
78
4E
ATDA77
ATDA76
ATDA75
ATDA74
ATDA73
ATDA72
ATDA71
ATDA70
79
4F
ATDA87
ATDA86
ATDA85
ATDA84
ATDA83
ATDA82
ATDA81
ATDA80
RSV
Reserved
Reserved; do not use.
ATDAx[7:0] Digital attenuation level setting
Where x = 1 to 8, corresponding to the DAC output (VOUTx).
Each DAC output (VOUT1 through VOUT8) has a digital attenuation function. The attenuation
level can be set from 0 dB to R dB, in S-dB steps. Changes in attenuator levels are made by
incrementing or decrementing one step (S dB) for every 8/fS time interval until the programmed
attenuator setting is reached. Alternatively, the attenuation level can be set to infinite attenuation
(or mute). R (range) and S (step) is –63 and 0.5 for DAMS = 0, and –100 and 1.0 for DAMS = 1,
respectively. The DAMS bit is defined in register 70 (46h). Table 17 shows attenuation levels for
various settings.
The attenuation level for each channel can be set individually using the following formula:
Attenuation level (dB) = S × (ATDAx[7:0]DEC – 255)
where ATDAx[7:0]DEC = 0 through 255.
For ATDAx[7:0]DEC = 0 through 128 with DAMS = 0, or 0 through 154 with DAMS = 1, attenuation
is set to infinite attenuation (mute).
Default value: 1111 1111.
Table 17. Attenuation Levels for Various Settings
ATDAx[7:0]
ATTENUATION LEVEL SETTING
BINARY
DECIMAL
DAMS = 0
DAMS = 1
1111 1111
255
0 dB, no attenuation (default)
0 dB, no attenuation (default)
1111 1110
254
–0.5 dB
–1 dB
1111 1101
253
–1.0 dB
–2 dB
...
...
...
...
1001 1100
156
–45.9 dB
–99 dB
1001 1011
155
–50.0 dB
–100 dB
1001 1010
154
–50.5 dB
Mute
...
...
...
...
1000 0010
130
–62.5 dB
Mute
1000 0001
129
–63.0 dB
Mute
0000 0000
128
Mute
Mute
...
...
...
...
0000 0000
0
Mute
Mute
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com