Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 37 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 37 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 33Page - Texas Instruments PCM1691 Datasheet HTML 34Page - Texas Instruments PCM1691 Datasheet HTML 35Page - Texas Instruments PCM1691 Datasheet HTML 36Page - Texas Instruments PCM1691 Datasheet HTML 37Page - Texas Instruments PCM1691 Datasheet HTML 38Page - Texas Instruments PCM1691 Datasheet HTML 39Page - Texas Instruments PCM1691 Datasheet HTML 40Page - Texas Instruments PCM1691 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
RSV2
VCC2
AGND2
RSV2
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
VOUT8
RSV2
AGND1
VCOM
VCC1
RSV2
RSV1
RSV2
RSV1
RSV2
LRCK
BCK
DIN1
DIN2
DIN3
DIN4
VDD
DGND
SCKI
RST
ZERO1
ZERO2
AMUTEI
AMUTEO
MD/SDA/DEMP
MC/SCL/FMT
MS/ADR0/RSV
TEST/ADR1/RSV
MODE
PCM1691
R
1
R
2
R
9
R
8
R
7
R
3
R
4
R
5
R
6
C
1
C
3
C
2
C
5
C
6
C
4
AudioDSPor
Decoder
Microcontorller
or
Microprocessor
LPFandBuffer
PLL170x
Termination
Circuit
+
+
+
+5V
+3.3V
0V
24
24
0V
(Open)
(Low)
3.3V
24
(High)
R
10
R
10
Termination CircuitOptions(selectone)
RSV2
RSV2
RSV2
RSV2
RSV2
RSV2
RSV2
RSV2
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
NOTE: C1 through C3 are 1-µF ceramic capacitors. C4 through C6 are 10-µF electrolytic capacitors. R1 through R7 are 22-Ω to 100-Ω
resistors. R8 and R9 are resistors appropriate for pull-up. R10 is less than 10 kΩ.
Figure 40. Basic Connection Diagram
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com