Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 13Page - Texas Instruments PCM1691 Datasheet HTML 14Page - Texas Instruments PCM1691 Datasheet HTML 15Page - Texas Instruments PCM1691 Datasheet HTML 16Page - Texas Instruments PCM1691 Datasheet HTML 17Page - Texas Instruments PCM1691 Datasheet HTML 18Page - Texas Instruments PCM1691 Datasheet HTML 19Page - Texas Instruments PCM1691 Datasheet HTML 20Page - Texas Instruments PCM1691 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
AUDIO SERIAL PORT OPERATION
AUDIO DATA INTERFACE FORMATS AND TIMING
LRCK
Ch1(DIN1)orCh3(DIN2)
Ch5(DIN3)orCh7(DIN4)
0
1
2
L
M
N
0
1
2
L
M
N
MSB
MSB
LSB
LSB
Ch2(DIN1)orCh4(DIN2)
Ch6(DIN3)orCh8(DIN4)
BCK
DIN1/2/3/4
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
The PCM1691 audio serial port consists of six signals: BCK, LRCK, DIN1, DIN2, DIN3, and DIN4. BCK is a bit
clock input. LRCK is a left/right word clock or frame synchronization clock input. DIN1 through DIN4 are the
audio data inputs for VOUT1 thorugh VOUT8.
The PCM1691 supports 10 audio data interface formats: 16-/20-/24-/32-bit I2S, 16-/20-/24-/32-bit left-justified,
24-bit right-justified, 16-bit right-justified, 24-bit left-justified mode DSP, 24-bit I2S mode DSP, 24-bit left-justified
mode TDM, 24-bit I2S mode TDM, 24-bit left-justified mode high-speed TDM, and 24-bit I2S mode high-speed
TDM. In the case of I2S, left-justified, and right-justified data formats, 64 BCKs, 48 BCKs, and 32 BCKs per
LRCK period are supported; however, 48 BCKs are limited to 192/384/768 fS SCKI, and 32 BCKs are limited to
16-bit right-justified only. In the case of TDM data format in single rate, BCK, LRCK, and DIN1 are used. In the
case of TDM data format in dual rate, BCK, LRCK, and DIN1/2 are used. In the case of high-speed TDM format
in dual rate, BCK, LRCK, and DIN1 are used. In the case of high-speed TDM format in quad rate, BCK, LRCK,
and DIN1/2 are used. TDM format and high-speed TDM format are supported only at SCKI = 512 fS, 256 fS, 128
fS, and fBCK ≤ fSCKI. The audio data formats are selected by MC/SCL/FMT in hardware control mode and by the
FMTDA[3:0] bits in control register 65 (41h) in software control mode. All data must be in binary twos
complement and MSB first.
Table 5 summarizes the applicable formats and describes the relationships among them and the respective
restrictions with mode control. Figure 22 through Figure 28 show the 10 audio interface data formats.
Table 5. Audio Data Interface Formats and Sampling Rate, Bit Clock, and System Clock Restrictions
CONTROL
MAX LRCK
MODE
FORMAT
DATA BITS
FREQUENCY (fS)
SCKI RATE (xfS)
BCK RATE (xfS)
APPLICABLE PINS
16/20/24/32(1)
192 kHz
128 to 1152(2)
64, 48
DIN1/2/3/4
I2S/Left-Justified
Right-Justified
24, 16
192 kHz
128 to 1152(2)
64, 48, 32 (16 bit)(3)
DIN1/2/3/4
24
192 kHz
128 to 768
64
DIN1/2/3/4
I2S/Left-Justified DSP
Software
24
48 kHz
256, 512
256
DIN1
control
I2S/ Left-Justified TDM
24
96 kHz
128, 256
128
DIN1/2
24
96 kHz
256
256
DIN1
High-Speed
I2S/Left-Justified TDM
24
192 kHz
128
128
DIN1/2
16/20/24/32(1)
192 kHz
128 to 1152(2)
64, 48
DIN1/2/3/4
I2S
Hardware
24
48 kHz
512
256
DIN1
control
I2S TDM
24
96 kHz
256
128
DIN1/2
(1)
32-bit data length is acceptable only for BCK = 64 fS and when using the I
2S or Left-Justified format.
(2)
1152 fS is acceptable only for fS = 32 kHz, BCK = 64 fS, and when using the I
2S, Left-Justified, or 24-bit Right-Justified formats.
(3)
BCK = 32 fS is supported only for 16-bit data length.
Figure 22. Audio Data Format: 16-/20-/24-/32-Bit I2S
(N = 15/19/23/31, M = 14/18/22/30, and L = 13/17/21/29)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com