Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 40 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 36Page - Texas Instruments PCM1691 Datasheet HTML 37Page - Texas Instruments PCM1691 Datasheet HTML 38Page - Texas Instruments PCM1691 Datasheet HTML 39Page - Texas Instruments PCM1691 Datasheet HTML 40Page - Texas Instruments PCM1691 Datasheet HTML 41Page - Texas Instruments PCM1691 Datasheet HTML 42Page - Texas Instruments PCM1691 Datasheet HTML 43Page - Texas Instruments PCM1691 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
PCB LAYOUT GUIDELINES
DigitalLogic
and
Audio
Processor
DigitalPower
+3.3V
D
DGND
DigitalSection
AnalogSection
ReturnPathfor3.3V
D andDigitalSignals
AnalogPower
+V
S
AGND
-VS
+5V
A
Digital
Ground
Analog
Ground
Output
Circuits
PCM1691
AGND
VDD
DGND
VCC
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
A typical printed circuit board (PCB) layout for the PCM1691 is shown in Figure 45. A ground plane is
recommended, with the analog and digital sections isolated from one another through a split or cut in the circuit
board. The PCM1691 should be oriented with the digital I/O pins facing the ground plane split/cut to allow for
short, direct connections to the digital audio interface and control signals originating from the digital section of the
board.
Separate power supplies are recommended for the digital and analog sections of the board. This configuration
prevents the switching noise present on the digital supply from contaminating the analog power supply and
degrading the dynamic performance of the PCM1691.
Figure 45. Recommended PCB Layout
40
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com