Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 24Page - Texas Instruments PCM1691 Datasheet HTML 25Page - Texas Instruments PCM1691 Datasheet HTML 26Page - Texas Instruments PCM1691 Datasheet HTML 27Page - Texas Instruments PCM1691 Datasheet HTML 28Page - Texas Instruments PCM1691 Datasheet HTML 29Page - Texas Instruments PCM1691 Datasheet HTML 30Page - Texas Instruments PCM1691 Datasheet HTML 31Page - Texas Instruments PCM1691 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
REGISTER DEFINITIONS
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
64
40
MRST
SRST
AMUTE3
AMUTE2
AMUTE1
AMUTE0
SRDA1
SRDA0
MRST
Mode control register reset
This bit sets the mode control register reset to the default value. Pop noise may be generated.
Returning the MRST bit to '1' is unnecessary because it is automatically set to '1' after the mode
control register is reset.
Default value = 1.
MRST
Mode control register reset
0
Set default value
1
Normal operation (default)
SRST
System reset
This bit controls the system reset, which includes the resynchronization between the system
clock and sampling clock, and DAC operation restart. The mode control register is not reset and
the PCM1691 does not go into a power-down state. Returning the SRST bit to '1' is unnecessary;
it is automatically set to '1' after triggering a system reset.
Default value = 1.
SRST
System reset
0
Resynchronization
1
Normal operation (default)
AMUTE[3:0] Analog mute function control
These bits control the enabling/disabling of each source event that triggers the analog mute
control circuit.
Default value = 0000.
AMUTE
Analog mute function control
xxx0
Disable analog mute control by SCKI halt
xxx1
Enable analog mute control by SCKI halt
xx0x
Disable analog mute control by asynchronous detect
xx1x
Enable analog mute control by asynchronous detect
x0xx
Disable analog mute control by ZERO1 and ZERO2 detect
x1xx
Enable analog mute control by ZERO1 and ZERO2 detect
0xxx
Disable analog mute control by DAC disable command
1xxx
Enable analog mute control by DAC disable command
28
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com