Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 20Page - Texas Instruments PCM1691 Datasheet HTML 21Page - Texas Instruments PCM1691 Datasheet HTML 22Page - Texas Instruments PCM1691 Datasheet HTML 23Page - Texas Instruments PCM1691 Datasheet HTML 24Page - Texas Instruments PCM1691 Datasheet HTML 25Page - Texas Instruments PCM1691 Datasheet HTML 26Page - Texas Instruments PCM1691 Datasheet HTML 27Page - Texas Instruments PCM1691 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
TIMING REQUIREMENTS
MS
1.4V
1.4V
1.4V
t
MSH
LSB(D0)
t
MSS
t
MCH
t
MCL
t
MDS
ADR0
MSB(R/ )
W
MC
MD
t
MDH
t
MCY
t
MHH
D7
TWO-WIRE (I
2C) SERIAL CONTROL
MSB
LSB
1
0
0
1
1
ADR1
ADR0
R/W
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
Figure 34 shows a detailed timing diagram for the three-wire serial control interface. These timing parameters are
critical for proper control port operation.
Figure 34. Three-Wire Serial Control Interface Timing
Table 13. Timing Requirements for Figure 34
SYMBOL
PARAMETER
MIN
MAX
UNIT
tMCY
MC pulse cycle time
100
ns
tMCL
MC low-level time
40
ns
tMCH
MC high-level time
40
ns
tMHH
MS high-level time
tMCY
ns
tMSS
MS falling edge to MC rising edge
30
ns
tMSH
MS rising edge from MC rising edge for LSB
15
ns
tMDH
MD hold time
15
ns
tMDS
MD setup time
15
ns
The PCM1691 supports an I2C-compatible serial bus and data transmission protocol for fast mode configured as
a slave device. This protocol is explained in the I2C specification 2.0.
The PCM1691 has a 7-bit slave address, as shown in Figure 35. The first five bits are the most significant bits
(MSBs) of the slave address and are factory-preset to '10011'. The next two bits of the address byte are
selectable bits that can be set by MS/ADR0/RSV and TEST/ADR1/RSV. A maximum of four PCM1691s can be
connected on the same bus at any one time. Each PCM1691 responds when it receives its own slave address.
Figure 35. Slave Address
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com