Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 21Page - Texas Instruments PCM1691 Datasheet HTML 22Page - Texas Instruments PCM1691 Datasheet HTML 23Page - Texas Instruments PCM1691 Datasheet HTML 24Page - Texas Instruments PCM1691 Datasheet HTML 25Page - Texas Instruments PCM1691 Datasheet HTML 26Page - Texas Instruments PCM1691 Datasheet HTML 27Page - Texas Instruments PCM1691 Datasheet HTML 28Page - Texas Instruments PCM1691 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
PACKET PROTOCOL
SDA
SCL
SlaveAddress
R/W
(1)
ACK
(2)
DATA
(3)
ACK
DATA
ACK
1to7
8
9
1to8
9
1to8
9
ACK
9
St
Start
Condition
Sp
Stop
Condition
WRITE OPERATION
Transmitter
DataType
St
M
SlaveAddress
M
W
M
ACK
S
RegAddress
M
ACK
S
WriteData1
M
ACK
S
WriteData2
M
ACK
S
ACK
S
Sp
M
READ OPERATION
Transmitter
M
St
M
SlaveAddress
M
W
S
ACK
M
RegAddress
S
ACK
M
Sr
M
SlaveAddress
(1)
M
R
S
ACK
S
ReadData
M
NACK
M
Sp
DataType
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
A master device must control the packet protocol, which consists of a start condition, a slave address with the
read/write bit, data if a write operation is required, an acknowledgment if a read operation is required, and a stop
condition. The PCM1691 supports both slave receiver and transmitter functions. Details about DATA for both
write and read operations are described in Figure 36.
(1) R/W: Read operation if '1'; write operation otherwise.
(2) ACK: Acknowledgment of a byte if '0', not Acknowledgment of a byte if '1'.
(3) DATA: Eight bits (byte); details are described in the Write Operation and Read Operation sections.
Figure 36. I2C Packet Control Protocol
The PCM1691 supports a receiver function. A master device can write to any PCM1691 register using single or
multiple accesses. The master sends a PCM1691 slave address with a write bit, a register address, and the
data. If multiple access is required, the address is that of the starting register, followed by the data to be
transferred. When valid data are received, the index register automatically increments by one. When the register
address reaches &h4F, the next value is &h40. When undefined registers are accessed, the PCM1691 does not
send an acknowledgment. Figure 37 illustrates a diagram of the write operation. The register address and write
data are in 8-bit, MSB-first format.
NOTE: M = Master device, S = Slave device, St = Start condition, W = Write, ACK = Acknowledge, and Sp = Stop condition.
Figure 37. Framework for Write Operation
A master device can read the registers of the PCM1691. The value of the register address is stored in an indirect
index register in advance. The master sends the PCM1691 slave address with a read bit after storing the register
address. Then the PCM1691 transfers the data that the index register points to. Figure 38 shows a diagram of
the read operation.
(1) The slave address after the repeated start condition must be the same as the previous slave address.
NOTE: M = Master device, S = Slave device, St = Start condition, Sr = Repeated start condition, W = Write, R = Read, ACK = Acknowledge,
NACK = Not acknowledge, and Sp = Stop condition.
Figure 38. Framework for Read Operation
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com