Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1691 Datasheet HTML 28Page - Texas Instruments PCM1691 Datasheet HTML 29Page - Texas Instruments PCM1691 Datasheet HTML 30Page - Texas Instruments PCM1691 Datasheet HTML 31Page - Texas Instruments PCM1691 Datasheet HTML 32Page - Texas Instruments PCM1691 Datasheet HTML 33Page - Texas Instruments PCM1691 Datasheet HTML 34Page - Texas Instruments PCM1691 Datasheet HTML 35Page - Texas Instruments PCM1691 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
PCM1691
SBAS450 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
68
44
MUTDA8
MUTDA7
MUTDA6
MUTDA5
MUTDA4
MUTDA3
MUTDA2
MUTDA1
MUTDA[8:1] Soft Mute control
These bits are used to enable or disable the Soft Mute function for the corresponding DAC
outputs, VOUTx. The Soft Mute function is incorporated into the digital attenuators. When mute is
disabled (MUTDA[8:1] = 0), the attenuator and DAC operate normally. When mute is enabled by
setting MUTDA[8:1] = 1, the digital attenuator for the corresponding output is decreased from the
current setting to infinite attenuation. By setting MUTDA[8:1] = 0, the attenuator is increased to
the last attenuation level in the same manner as it is for decreasing levels. This configuration
reduces pop and zipper noise during muting of the DAC output. This Soft Mute control uses the
same resource of digital attenuation level setting. Mute control has priority over the digital
attenuation level setting.
Default value: 0000 0000.
MUTDA
Soft Mute control
xxxx xxx0
DAC1 Mute disabled
xxxx xxx1
DAC1 Mute enabled
xxxx xx0x
DAC2 Mute disabled
xxxx xx1x
DAC2 Mute enabled
xxxx x0xx
DAC3 Mute disabled
xxxx x1xx
DAC3 Mute enabled
xxxx 0xxx
DAC4 Mute disabled
xxxx 1xxx
DAC4 Mute enabled
xxx0 xxxx
DAC5 Mute disabled
xxx1 xxxx
DAC5 Mute enabled
xx0x xxxx
DAC6 Mute disabled
xx1x xxxx
DAC6 Mute enabled
x0xx xxxx
DAC7 Mute disabled
x1xx xxxx
DAC7 Mute enabled
0xxx xxxx
DAC8 Mute disabled
1xxx xxxx
DAC8 Mute enabled
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com