Electronic Components Datasheet Search
  English  ▼

X  

PCM1691 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1691
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level, ?誇,Eight-Channel, Audio Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1691 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1691 Datasheet HTML 1Page - Texas Instruments PCM1691 Datasheet HTML 2Page - Texas Instruments PCM1691 Datasheet HTML 3Page - Texas Instruments PCM1691 Datasheet HTML 4Page - Texas Instruments PCM1691 Datasheet HTML 5Page - Texas Instruments PCM1691 Datasheet HTML 6Page - Texas Instruments PCM1691 Datasheet HTML 7Page - Texas Instruments PCM1691 Datasheet HTML 8Page - Texas Instruments PCM1691 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
ELECTRICAL CHARACTERISTICS: Power-Supply Requirements
PCM1691
www.ti.com.............................................................................................................................................................................................. SBAS450 – OCTOBER 2008
ELECTRICAL CHARACTERISTICS: DAC (continued)
All specifications at TA = +25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
mode = Auto, unless otherwise noted.
PCM1691
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER PERFORMANCE WITH SLOW ROLL-OFF
Passband
0.328 × fS
Hz
Stop band
0.673 × fS
Hz
Passband ripple
< 0.328 × fS
±0.0013
dB
Stop band attenuation
> 0.673 × fS
–75
dB
DIGITAL FILTER PERFORMANCE
Except SCKI = 128 fS and 192 fS
28/fS
sec
Group delay time (single, dual)
SCKI = 128 fS and 192 fS
19/fS
sec
Group delay time (quad)
19/fS
sec
De-emphasis error
±0.1
dB
All specifications at TA = +25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
mode = Auto, unless otherwise noted.
PCM1691
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
VCC1/2
4.5
5.0
5.5
VDC
Voltage range
VDD
3.0
3.3
3.6
VDC
fS = 48 kHz
74
110
mA
ICC
fS = 192 kHz
74
mA
Full power-down(1)
170
µA
Supply current
fS = 48 kHz
57
90
mA
IDD
fS = 192 kHz
76
mA
Full power-down(1)
60
µA
fS = 48 kHz
558
847
mW
Power dissipation
fS = 192 kHz
621
mW
Full power-down(1)
1.05
mW
TEMPERATURE RANGE
Operating temperature
PCM1691 consumer grade
–40
+85
°C
Thermal resistance
θ
JA
HTSSOP-48, High-K
23
°C/W
(1)
SCKI, BCK, and LRCK stopped.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM1691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com