Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 102 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 102 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 98Page - Texas Instruments PCI1221 Datasheet HTML 99Page - Texas Instruments PCI1221 Datasheet HTML 100Page - Texas Instruments PCI1221 Datasheet HTML 101Page - Texas Instruments PCI1221 Datasheet HTML 102Page - Texas Instruments PCI1221 Datasheet HTML 103Page - Texas Instruments PCI1221 Datasheet HTML 104Page - Texas Instruments PCI1221 Datasheet HTML 105Page - Texas Instruments PCI1221 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 123 page
background image
102
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA global-control register (index 1Eh)
Bit
7
6
5
4
3
2
1
0
Name
ExCA global control
Type
R
R
R
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA global control
Type:
Read only, read/write (see individual bit descriptions)
Offset:
CardBus socket address + 81Eh; Card A ExCA offset 1Eh
Card B ExCA offset 5Eh
Default:
00h
Description: This register controls both PC Card sockets and is not duplicated for each socket. The host
interrupt mode bits in this register are retained for Intel 82365SL-DF compatibility. See
Table 51 for a complete description of the register contents.
Table 51. ExCA Global-Control Register (Index 1Eh)
BIT
SIGNAL
TYPE
FUNCTION
7-5
RSVD
R
Reserved. Bits 7-5 are is read only and returns 0s when read. Write transactions have no effect.
4
INTMODEB
R/W
Level/edge interrupt mode select – card B. Bit 4 selects the signaling mode for the PCI1221 host interrupt
for card B interrupts. This bit is encoded as:
0 = Host interrupt is edge mode (default).
1 = Host interrupt is level mode.
3
INTMODEA
R/W
Level/edge interrupt mode select – card A. Bit 3 selects the signaling mode for the PCI1221 host interrupt
for card A interrupts. This bit is encoded as:
0 = Host interrupt is edge mode (default).
1 = Host interrupt is level mode.
2
IFCMODE
R/W
Interrupt flag clear mode select. Bit 2 selects the interrupt flag clear mechanism for the flags in the ExCA
card status change register. This bit is encoded as:
0 = Interrupt flags are cleared by read of CSC register (default).
1 = Interrupt flags are cleared by explicit write back of 1.
1
CSCMODE
R/W
Card status change level/edge mode select. Bit 1 selects the signaling mode for the PCI1221 host interrupt
for card status changes. This bit is encoded as:
0 = Host interrupt is edge mode (default).
1 = Host interrupt is level mode.
0
PWRDWN
R/W
Power-down mode select. When bit 0 is set to 1, the PCI1221 is in power-down mode. In power-down
mode, the PCI1221 card outputs are 3-stated until an active cycle is executed on the card interface.
Following an active cycle, the outputs are again 3-stated. The PCI1221 still receives functional interrupts,
and/or card status change interrupts; however, an actual card access is required to wake up the interface.
This bit is encoded as:
0 = Power-down mode is disabled (default).
1 = Power-down mode is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com